Electronic Components Datasheet Search
  English  ▼

X  

CDC706 Datasheet(PDF) 11 Page - Texas Instruments

Part # CDC706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC706 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDC706 Datasheet HTML 7Page - Texas Instruments CDC706 Datasheet HTML 8Page - Texas Instruments CDC706 Datasheet HTML 9Page - Texas Instruments CDC706 Datasheet HTML 10Page - Texas Instruments CDC706 Datasheet HTML 11Page - Texas Instruments CDC706 Datasheet HTML 12Page - Texas Instruments CDC706 Datasheet HTML 13Page - Texas Instruments CDC706 Datasheet HTML 14Page - Texas Instruments CDC706 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
1
7
1
1
8
1
1
S
Slave Address
Wr A
Data Byte
A
P
S
Start Condition
Sr
Reapeated Start Condition
Rd Read (Bit Value = 1)
Wr
Write (Bit Value = 0)
A
Acknowledge (ACK = 0 and NACK = 1)
P
Stop Condition
PE
Packet Error
Master-to-Slave Transmission
Slave-to-Master Transmission
Not Recommended for New Designs
CDC706
www.ti.com...................................................................................................................................... SCAS829B – SEPTEMBER 2006 – REVISED FEBRUARY 2008
APPLICATION INFORMATION
SMBus Data Interface
To enhance the flexibility and function of the clock synthesizer, a two-signal serial interface is provided. It follows
the SMBus specification Version 2.0, which is based upon the principals of operation of I2C. More details of the
SMBus specification can be found at http://www.smbus.org.
Through the SMBus, various device functions, such as individual clock output buffers, can be individually
enabled or disabled. The registers associated with the SMBus data interface initialize to their default setting upon
power-up; therefore, using this interface is optional. The clock device register changes are normally made upon
system initialization, if any are required.
Data Protocol
The clock driver serial protocol accepts Byte Write, Byte Read, Block Write, and Block Read operations from the
controller.
For Block Write/Read operations, the bytes must be accessed in sequential order from lowest to highest byte
(most significant bit first) with the ability to stop after any complete byte has been transferred. For Byte Write and
Byte Read operations, the system controller can access individually addressed bytes.
Once a byte has been sent, it is written into the internal register and effective immediately with the rising edge of
the ACK bit. This applies to each transferred byte, independent of whether this is a Byte Write or a Block Write
sequence.
The offset of the indexed byte is encoded in the command code, as described in Table 1.
The Block Write and Block Read protocol is outlined in Figure 9 and Figure 10, while Figure 7 and Figure 8
outlines the corresponding Byte Write and Byte Read protocol.
Slave Receiver Address (7 bits)
A6
A5
A4
A3
A2
A1
A0
R/W
1
1
0
1
0
0
1
0
Table 1. Command Code Definition
Bit
Description
7
0 = Block Read or Block Write operation
1 = Byte Read or Byte Write operation
(6:0)
Byte Offset for Byte Read and Byte Write operation.
Figure 6. Generic Programming Sequence
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): CDC706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com