Electronic Components Datasheet Search
  English  ▼

X  

CDC706 Datasheet(PDF) 14 Page - Texas Instruments

Part # CDC706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC706 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDC706 Datasheet HTML 10Page - Texas Instruments CDC706 Datasheet HTML 11Page - Texas Instruments CDC706 Datasheet HTML 12Page - Texas Instruments CDC706 Datasheet HTML 13Page - Texas Instruments CDC706 Datasheet HTML 14Page - Texas Instruments CDC706 Datasheet HTML 15Page - Texas Instruments CDC706 Datasheet HTML 16Page - Texas Instruments CDC706 Datasheet HTML 17Page - Texas Instruments CDC706 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Not Recommended for New Designs
CDC706
SCAS829B – SEPTEMBER 2006 – REVISED FEBRUARY 2008...................................................................................................................................... www.ti.com
Table 2. Register Configuration Command Bitmap
Adr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Byte 0
Revision Code
Vendor Identification
Byte 1
PLL1 Reference Divider M 9-Bit [7:0]
Byte 2
PLL1 Feedback Divider N 12-Bit [7:0]
PLL1 Ref
Byte 3
PLL1 Mux
PLL2 Mux
PLL3 Mux
PLL1 Feedback Divider N 12-Bit [11:8]
Dev M [8]
Byte 4
PLL2 Reference Divider M 9-Bit [7:0]
Byte 5
PLL2 Feedback Divider N 12-Bit [7:0]
PLL1 fvco
PLL2 fvco
PLL3 fvco
PLL2 Ref
Byte 6
PLL2 Feedback Divider N 12-Bit [11:8]
Selection
Selection
Selection
Dev M [8]
Byte 7
PLL3 Reference Divider 9-Bit M [7:0]
Byte 8
PLL3 Feedback Divider N [12-Bit 7:0]
PLL3 Ref
Byte 9
PLL Selection for P0 (Switch A)
PLL3 Feedback Divider N 12-Bit [11:8]
Dev M [8]
Inp. Clock
Byte 10
PLL Selection for P1 (Switch A)
Configuration Inputs S1
Configuration Inputs S0
Selection
Byte 11
Input Signal Source
PLL Selection for P3 (Switch A)
PLL Selection for P2 (Switch A)
Byte 12
Reserved
Power Down
PLL Selection for P5 (Switch A)
PLL Selection for P4 (Switch A)
Byte 13
Reserved
7-Bit Divider P0 [6:0]
Byte 14
Reserved
7-Bit Divider P1 [6:0]
Byte 15
Reserved
7-Bit Divider P2 [6:0]
Byte 16
Reserved
7-Bit Divider P3 [6:0]
Byte 17
Reserved
7-Bit Divider P4 [6:0]
Byte 18
Reserved
7-Bit Divider P5 [6:0]
Y0 Inv. or
Y0 Enable or
Byte 19
Reserved
Y0 Slew-Rate Control
Y0 Divider Selection (Switch B)
Non-Inv
Low
Y1 Inv. or
Y1 Enable or
Byte 20
Reserved
Y1 Slew-Rate Control
Y1 Divider Selection (Switch B)
Non-Inv
Low
Y2 Inv. or
Y2 Enable or
Byte 21
Reserved
Y2 Slew-Rate Control
Y2 Divider Selection (Switch B)
Non-Inv
Low
Y3 Inv. or
Y3 Enable or
Byte 22
Reserved
Y3 Slew-Rate Control
Y3 Divider Selection (Switch B)
Non-Inv
Low
Y4 Inv. or
Y4 Enable or
Byte 23
Reserved
Y4 Slew-Rate Control
Y4 Divider Selection (Switch B)
Non-Inv
Low
Y5 Inv or
Y5 Enable or
Byte 24
Reserved
Y5 Slew-Rate Control
Y5 Divider Selection (Switch B)
Non-Inv
Low
Spread Spectrum (SSC) Modulation
Byte 25
Reserved
Frequency Selection for SSC
Selection
Byte 26
Reserved
7-Bit Byte Count
14
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): CDC706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com