Electronic Components Datasheet Search
  English  ▼

X  

CDC706 Datasheet(PDF) 10 Page - Texas Instruments

Part # CDC706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC706 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDC706 Datasheet HTML 6Page - Texas Instruments CDC706 Datasheet HTML 7Page - Texas Instruments CDC706 Datasheet HTML 8Page - Texas Instruments CDC706 Datasheet HTML 9Page - Texas Instruments CDC706 Datasheet HTML 10Page - Texas Instruments CDC706 Datasheet HTML 11Page - Texas Instruments CDC706 Datasheet HTML 12Page - Texas Instruments CDC706 Datasheet HTML 13Page - Texas Instruments CDC706 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
380
400
420
VOH atV
=3.6V
CCOUT
VOH atV
=2.3V
CCOUT
VOL atV
=3.6V
CCOUT
VOL atV
=2.3V
CCOUT
f
-[MHz]
OUT
V
=3.3V
Mdiv=4
Ndiv=15
P div=1
CC
Not Recommended for New Designs
CDC706
SCAS829B – SEPTEMBER 2006 – REVISED FEBRUARY 2008...................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 5. Output Swing vs Output Frequency
10
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): CDC706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com