Electronic Components Datasheet Search
  English  ▼

X  

PBFMP33UHFX Datasheet(PDF) 41 Page - Banner Engineering Corp.

Part # PBFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PBFMP33UHFX Datasheet(HTML) 41 Page - Banner Engineering Corp.

Back Button PBFMP33UHFX Datasheet HTML 34Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 35Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 36Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 37Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 38Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 39Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 40Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 41Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 42Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
Fiber Systems
203
More information online at
bannerengineering.com
Glass Fiber Optics
CORE DIA.
MIN. BEND
MODEL NUMBER
DRAWING & DIMENSIONS
(mm)
RADIUS (mm)
FEATURES
TYPICAL RANGE (mm)
2.29
19
IA1.53SMETA
Detailed Dimensions Online
914
25.4
ø 5.3
ø 5.1
ø 4.8
ø 3.05
5.3
stainless
steel
12.7
ø 7.4
12.7
12.7
100
500
200
300
400
600
• Ultra-compact head
2.29
19
IA1.53SMTA
Detailed Dimensions Online
914
35.1
ø 6.4
stainless steel
ø 5.3
ø 3.05
7.1
100
500
200
300
400
600
• Compact head
2.29
19
ITETA1.53S
Detailed Dimensions Online
ø 8.0
ø 6.4
stainless
steel
5/16-24 thd brass
2 jam nuts included
38.1
12.7
914
25.4
ø 4.8
ø 3.05
5.3
ø 7.4
ø 4.7
12.7
12.7
100
500
200
300
400
600
• Ultra-compact head;
thread
ref. model
IT23S
ref. model
IT23S
L9
Detailed Dimensions Online
45.7
ø 14.3
5/16" - 24 thread
lens optic
• Glass lens; withstands
315° C (600° F)
ref. model
IT23S
ref. model
IT23S
L16F
Detailed Dimensions Online
58.4
ø 28.6
5/16" - 24 thread
lens optic
• Plastic housing;
withstands 105° C
(220° F)
ref. model
IT23S
ref. model
IT23S
L16FAL
Detailed Dimensions Online
58.4
ø 28.6
5/16" - 24 thread
lens optic
• Aluminum housing;
withstands 315° C
(600° F)
ref. model
IT23S
ref. model
IT23S
L16FSS
Detailed Dimensions Online
58.4
ø 28.6
5/16" - 24 thread
lens optic
• Stainless steel housing;
withstands 480° C
(900° F)
3.56
-
VFT-M8MVS
Detailed Dimensions Online
10.0
35.0
4.0
4.0
12.7
40.0
22.23
ø 3.56 image
conduit
9.53
4.75
#4-40
SS set screw
stainless steel
electropolish finish
#4-40
SS set screw
M8 x 1.25
4.75
Viton O-ring
A — - — A CROSS-SECTION DETAIL
A
A
• Seals to 1 x 10-9 torr;
withstands 120° C
(248° F)
1.27
19
IMT.753SMVF
Detailed Dimensions Online
29.0
914
12.0
10.0
3.0
M4 x 0.7
stainless steel
M2.5
x 0.045
ø 4.0
ø 4.7
ø 3.0
stainless
steel
ø 4.2
• Miniature thread;
entire cable withstands
480° C (900° F)
3.18
-
TGR
Detailed Dimensions Online
ø 9.7
ø 3.18 (±0.125)
glass rod
5/16-24 brass
internal thread
12.7
97.8
effective length
90°
• Use with BT23S
• Sensor switches when
tip of glass rod is
immersed in liquid
M600
M600
M600
Contact factory representative for
range information
R55F
SME312
D12E
D12
QS18*
M600 Available 315° C (600°F) models. Add M600 to
end of model number (ex: BA23SM600).
M900 Available 480° C (900°F) models. Add M900 to
end of model number (ex: BA23SM900).
* Range data for QS18F
not available at
printing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com