Electronic Components Datasheet Search
  English  ▼

X  

PBFMP33UHFX Datasheet(PDF) 30 Page - Banner Engineering Corp.

Part # PBFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PBFMP33UHFX Datasheet(HTML) 30 Page - Banner Engineering Corp.

Back Button PBFMP33UHFX Datasheet HTML 26Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 27Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 28Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 29Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 30Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 31Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 32Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 33Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 34Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Fiber Systems
192 More information online at bannerengineering.com
Plastic Fiber Optics
Indicates lens available for model. See page 195 for details.
Indicates fiber can be Free Cut using Fiber Cutter. See page 197.
NA: WORLD-BEAM QS18 not recommended.
0.5
12
PLIS-1
Detailed Dimensions Online
2000
31.4
8.2
ø 1.0
ø 2.3
beam exit
polyethylene
stainless
steel
4.0
3.0
3.0
250
1250
500
750
1000
1500
• Low beam divergence
angle of 2°
• Ideal for wafer mapping
0.5
12
PIPS26U
Detailed Dimensions Online
ø 1.0
ø 2.5
polyethylene
2000
14.0
51
ø 0.91
2.5
3.0
stainless steel
(non-bendable)
probe
stainless
steel
20
40
60
80
100
120
140
• Smooth ferrule;
non-bendable tip
1.0
25
PIPS46U
Detailed Dimensions Online
ø 3.18
polyethylene
2000
14.0
51
ø 1.47
stainless steel
(non-bendable) probe
stainless
steel
2.5
3.0
ø 2.2
ø 1.0
100
400
200
300
500
• Smooth ferrule;
non-bendable tip
1.5
38
PIPS66U
Detailed Dimensions Online
ø 3.0
polyethylene
2000
15.0
51
ø 2.11
stainless steel
(non-bendable)
probe
stainless steel
2.5
3.0
ø 2.2
200
800
400
600
1000
• Smooth ferrule;
non-bendable tip
1.0
25
PIPSB46U
Detailed Dimensions Online
ø 3.0
polyethylene
2000
15.0
65.0
ø 1.27
annealed stainless
steel (bendable) probe
stainless
steel
2.0
2.5
ø 2.2
5.0
10.2
bendable
area
100
400
200
300
500
• Smooth ferrule;
bendable tip
0.5
12
PIPSM26U
Detailed Dimensions Online
ø 1.0
ø 2.49
polyethylene
2000
stainless
steel
15.0
15.0
ø 0.82
20
40
60
80
100
120
140
• Miniature smooth
ferrule; non-bendable tip
ref. model
PIT46U
ref. model
PIT46U
L2RA
Detailed Dimensions Online
8.0
2.5
ø 4.0
ø 2.8
lens optic
• Compact glass prism
• M2.5 thread
4X 0.25
8
PIFM1X46U
Detailed Dimensions Online
ø 1.0
polyethylene
10.0
2000
ø 1.5
stainless steel
50
100
150
200
250
300
350
• Best for repetitive
flexing (1,000s of
cycles)
4X 0.25
8
PIT1X46U
Detailed Dimensions Online
ø 1.0
polyethylene
10.0
2000
M3 x 0.5
nickel plated brass
50
100
150
200
250
300
350
• Best for repetitive
flexing (1,000s of
cycles)
1.0
25
PIP46UC
Detailed Dimensions Online
ø 2.2
polyethylene
2000 fully extended
200
ø 23
280
14.0
89
ø 1.47
M4 x 0.7
nickel plated
brass
annealed stainless
steel (bendable) probe
100
700
200
300
400
500
600
800
• For applications
involving reciprocating
motion
1.0
25
PIT46UC
Detailed Dimensions Online
ø 2.2
polyethylene
2000 fully extended
200
ø 23
280
M4 x 0.7
nickel plated
brass
11.0
3.0
M2.5 x 0.045
100
700
200
300
400
500
600
800
• For applications
involving reciprocating
motion
CORE DIA.
MIN. BEND
MODEL NUMBER
DRAWING & DIMENSIONS
(mm)
RADIUS (mm)
FEATURES
TYPICAL RANGE (mm)
WORLD-BEAM®
QS18
MINI-BEAM®
Expert™
Discrete
Bargraph
Super
High Speed
High Speed
High Power
Super
High Power
D10 SERIES
FI22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com