Electronic Components Datasheet Search
  English  ▼

X  

PBFMP33UHFX Datasheet(PDF) 21 Page - Banner Engineering Corp.

Part # PBFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PBFMP33UHFX Datasheet(HTML) 21 Page - Banner Engineering Corp.

Back Button PBFMP33UHFX Datasheet HTML 17Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 18Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 19Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 20Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 21Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 22Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 23Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 24Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 25Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Fiber Systems
183
More information online at
bannerengineering.com
Plastic Fiber Optics
Plastic Fiber Optics Specifications
Construction
Optical Fiber: acrylic (PMMA) monofilament, except as noted.
Protective Jacket: black polyethylene, except as noted
Threaded End Tips and Hardware: nickel-plated brass, except as noted.
Probe End Tips: annealed (bendable) 304 stainless steel
Angled End tips: hardened 304 stainless steel
Ferrule End Tips: 303 stainless steel
Sensing Range
Refer to the specific fiber optic/sensor combination
Implied Dimensional
Tolerance
All dimensions are in millimeters: x = ±2.5 mm, x.x = ±0.25 mm and x.xx = ±0.12 mm, unless specified.
“L” = ±40 mm per meter
Minimum Bend Radius
8 mm for 0.25 mm diameter fibers
12 mm for 0.5 mm diameter fibers (except DURA-BEND™)
25 mm for 1.0 mm diameter fibers (except DURA-BEND™)
38 mm for 1.5 mm diameter fibers
Repeat Bending/Flexing
Life expectancy of plastic fiber optic cable is in excess of one million cycles at bend radii of no less than the
minimum and a bend of 90° or less. Avoid stress at the point where the cable enters the sensor (“control end”)
and at the sensing end tip. Coiled plastic fiber optic assemblies are recommended for any application requiring
reciprocating fiber motion.
Chemical Resistance
The acrylic core of the monofilament optical fiber will be damaged by contact with acids, strong bases (alkalis) and
solvents. The polyethylene jacket will protect the fiber from most chemical environments. However, materials may
migrate through the jacket with long term exposure. Samples of fiber optic material are available from Banner for
testing and evaluation.
Temperature Extremes
Temperatures below -30° C will cause embrittlement of the plastic materials but will not cause transmission loss.
Temperatures above +70° C will cause both transmission loss and fiber shrinkage.
Operating Temperature
-30° to +70° C, unless otherwise specified
!
APPLICATION NOTES AND WARNINGS !
Plastic fiber assemblies with “U” in the suffix of the model numbers have unterminated control
ends (the end that is coupled to the photoelectric sensor). The customer can cut these fiber optic
assemblies to the required length using the supplied cutter. Use only the supplied cutter to ensure
optimal light coupling efficiency.
Terminated plastic fiber assemblies are optically ground and polished and cannot be shortened,
spliced or otherwise modified.
Do not subject the plastic fibers to sharp bends, pinching, high tensile loads or high levels of
radiation.
When ordering fiber lengths in excess of 2 m, take into account light signal attenuation due to the
additional length.
Due to their light transmission properties, plastic fiber optics are recommended for use only with
visible light fiber optic sensors.
Use caution when applying fiber optics in hazardous locations. Although fiber optic assemblies are,
by themselves, intrinsically safe, the sensor and associated electronics must be LOCATED IN A SAFE
ENVIRONMENT. Alternatively, fiber optics may be used with NAMUR sensor model Q45AD9FP
(page 152). Fiber optics do not necessarily provide a hermetic seal between a hazardous environment
and the safe environment.
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com