Electronic Components Datasheet Search
  English  ▼

X  

PBFMP33UHFX Datasheet(PDF) 28 Page - Banner Engineering Corp.

Part # PBFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PBFMP33UHFX Datasheet(HTML) 28 Page - Banner Engineering Corp.

Back Button PBFMP33UHFX Datasheet HTML 24Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 25Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 26Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 27Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 28Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 29Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 30Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 31Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 32Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Fiber Systems
190 More information online at bannerengineering.com
Plastic Fiber Optics
CORE DIA.
MIN. BEND
MODEL NUMBER
DRAWING & DIMENSIONS
(mm)
RADIUS (mm)
FEATURES
TYPICAL RANGE (mm)
0.25
8
PIA16U
Detailed Dimensions Online
R 3.5
4.8
ø 1.0
ø 0.91
ø 1.42
polyethylene
2000
25
7.6
535
10
15
20
25
30
40
• 90° Angle
0.5
12
PIA26U
Detailed Dimensions Online
R 3.5
4.8
ø 1.0
ø 0.91
polyethylene
2000
25
40
20
160
140
60
100
80
120
180
• 90° Angle
0.25
8
PIAT16U
Detailed Dimensions Online
9.6
ø 1.0
ø 1.47
polyethylene
stainless steel
2000
25.4
R 5.1
11.0
M3 x 0.5
nickel plated
brass
20
80
40
60
100
• 90° Angle/Thread
0.5
12
PIAT26U
Detailed Dimensions Online
9.6
ø 1.0
ø 1.47
polyethylene
stainless steel
25.4
2000
R 5.1
11.0
M3 x 0.5
nickel plated
brass
50
250
100
150
200
300
• 90° Angle/Thread
1.0
25
PIAT46U
Detailed Dimensions Online
ø 2.2
ø 3.3
polyethylene
stainless
steel
2000
13.9
16.5
ø 1.47
25.4
R 12.7
10.9
3.0
M4 x 0.7
stainless steel
M2.5 x 0.45
200
800
400
600
1000
• 90° Angle/Thread
1.0
25
PIAT46UM.4X.4MT
Detailed Dimensions Online
10.1
ø 3.2
ø 1.47
stainless steel
2000
12.7
10.1
R 7.9
5.1
3.0
ø 4.0
M2.5 x 0.045
stainless steel
ø 2.2
polyethylene
200
800
400
600
1000
• 90° Angle/Thread
1.5
38
PIAT66U
Detailed Dimensions Online
25.4
ø 2.2
ø 3.3
ø 1.47
polyethylene
stainless steel
2000
13.9
25.4
R 19.1
10.9
3.0
M4 x 0.7
stainless steel
M2.5 x 0.45
500
1000
1500
2000
• 90° Angle/Thread;
long range
0.25
8
PIF16U
Detailed Dimensions Online
ø 1.0
polyethylene
15.0
2000
ø 2.0
stainless steel
20
10
80
70
30
50
40
60
90
• Smooth ferrule
0.5
12
PIF26U
Detailed Dimensions Online
ø 1.0
polyethylene
17.0
2000
ø 2.2
stainless steel
50
350
100
150
200
250
300
400
• Smooth ferrule
0.5
12
PIF26UMLS
Detailed Dimensions Online
15.0
2000
ø 3.0
stainless steel
ø 2.2
polyethylene
50
350
100
150
200
250
300
400
• Smooth ferrule;
thick jacket (ø 2.2 mm)
WORLD-BEAM®
QS18
MINI-BEAM®
Expert™
Discrete
Bargraph
Super
High Speed
High Speed
High Power
Super
High Power
D10 SERIES
FI22
Indicates lens available for model. See page 195 for details.
Indicates fiber can be Free Cut using Fiber Cutter. See page 197.
NA: WORLD-BEAM QS18 not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com