Electronic Components Datasheet Search
  English  ▼

X  

PBFMP33UHFX Datasheet(PDF) 32 Page - Banner Engineering Corp.

Part # PBFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PBFMP33UHFX Datasheet(HTML) 32 Page - Banner Engineering Corp.

Back Button PBFMP33UHFX Datasheet HTML 28Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 29Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 30Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 31Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 32Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 33Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 34Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 35Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 36Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Fiber Systems
194 More information online at bannerengineering.com
Plastic Fiber Optics
16X 0.265
25
PIR1X166U
Detailed Dimensions Online
ø 2.2
polyethylene
aluminum
8.0
2000
15.0
5.25
5.0
15.0
2.5
16X ø 0.265
3X M3 x 0.5
10.0
200
100
800
700
300
500
400
600
900
• Ultra-compact head;
straight exit;
5.25 mm width
16X 0.265
25
PIRS1X166U
Detailed Dimensions Online
ø 2.2
polyethylene
aluminum
8.0
2000
15.0
5.0
15.0
2.5
3X M3 x 0.5
10.0
(0.39)
5.25
16X ø 0.265
200
100
800
700
300
500
400
600
900
• Ultra-compact head;
side exit;
5.25 mm width
16X 0.265
25
PIRS1X166UM.4
Detailed Dimensions Online
20.0
10.0
4.2
20.0
4.0
2000
ø 2.2
R 3.6
polyethylene
2X ø 3.175
ø 7.1 countersink both sides
16X ø .265
200
100
800
700
300
500
400
600
900
• Compact head; side exit;
10 mm width
16X 0.265
25
PIRS1X166UMPM.75
Detailed Dimensions Online
ø 2.2
polyethylene
plastic
25
6.3
2000
19.0
38.0
2.5
2X ø 3.0
R 1.5
5.1
9.5
1.25
19 (REF)
16X ø 0.265
200
100
800
700
300
500
400
600
900
• Side exit; 19 mm width
16X 0.265
25
PIRS1X166UMPMAL
Detailed Dimensions Online
ø 2.2
polyethylene
plastic
25
6.3
2000
19.0
38.0
2.5
2X ø 3.0
R 1.5
5.1
2.2
16X ø 0.265
34 (REF)
200
800
400
600
1000
• Side exit; 34 mm width
0.5
12
PIT26UHT1
Detailed Dimensions Online
ø 1.0
cross-linked
polyethylene
11.0
2000
M3 x 0.5
stainless steel
50
200
100
150
250
• Thread; withstands
125° C (257° F)
1.0
25
PIT46UHT1
Detailed Dimensions Online
ø 2.2
cross-linked
polyethylene
11.0
3.0
2000
M4 x 0.7
nickel plated brass
M2.5
x 0.045
200
100
800
700
300
500
400
600
900
• Thread; withstands
125° C (257° F)
1.0
25
PDIS46UM12
Detailed Dimensions Online
2X ø 2.2
polyethylene
7.0
18.0
24.0
2000
sensing
beam
ø 1.0
fibers
32.0
24.0
24.0
5.0
2X ø 3.5
plastic
• Easy mount “fork” head;
DURA-BEND fiber
1.0
25
PDISM46UM5MA
Detailed Dimensions Online
2X ø 2.2
polyethylene
plastic
26.2
18.4
14.5
8.3
2000
18.4
5.0
19.0
6.2
7.2
2X ø 1.0
fibers
2X ø 3.2
3.6
3.5
4X R 1.6
2X 0.8
7.0
6.4
• 90° Angle; compact
“fork” head;
DURA-BEND fiber
CORE DIA.
MIN. BEND
MODEL NUMBER
DRAWING & DIMENSIONS
(mm)
RADIUS (mm)
FEATURES
TYPICAL RANGE (mm)
WORLD-BEAM®
QS18
MINI-BEAM®
Expert™
Discrete
Bargraph
Super
High Speed
High Speed
High Power
Super
High Power
D10 SERIES
FI22
Indicates lens available for model. See page 195 for details.
Indicates fiber can be Free Cut using Fiber Cutter. See page 197.
NA: WORLD-BEAM QS18 not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com