Electronic Components Datasheet Search
  English  ▼

X  

PBFMP33UHFX Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # PBFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PBFMP33UHFX Datasheet(HTML) 7 Page - Banner Engineering Corp.

Back Button PBFMP33UHFX Datasheet HTML 3Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 4Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 5Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 6Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 7Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 8Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 9Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 10Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 11Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Fiber Systems
169
More information online at
bannerengineering.com
D10 Series
D10 Expert™ with Numeric Display—Dual-Discrete Specifications
Required Fiber Optic Cable
Banner P-Series plastic fibers (See Plastic Fiber Optic section, page 182)
Supply Voltage and Current
12 to 24V dc (10% max. ripple) at less than 65 mA, exclusive of load
Supply Protection Circuitry
Protected against reverse polarity and transient voltage.
Output Configuration
Two independently configured current sourcing (PNP) or current sinking (NPN) solid-state transistors.
Output Rating
150 mA max. load
OFF-state leakage current: less than 10 µA at 24V dc
ON-state saturation voltage:
NPN less than 1.5V at 150 mA load
PNP less than 2.5V at 150 mA load
Output Protection Circuitry
Protected against false pulse on power-up and continuous short-circuit
Output Response Time
Programmable, 50 microseconds, 200 microseconds, 1 millisecond, 2.5 milliseconds
NOTE: < 1 second delay on power-up; outputs do not conduct during this time.
Adjustments
Two push buttons or remote programming of (TEACH) switching threshold response time, OFF-delay, light/dark
operate, and display
Indicators
Four-digit digital display plus LED indicators for active channel, push-button lockout, OFF-delay and light/dark
operate selection; two yellow LEDs serve as output indicators and active channel indicator.
Construction
Black ABS/polycarbonate alloy (UL94 V-0 rated) housing, clear polycarbonate cover.
Environmental Rating
NEMA 1; IEC IP50
Connections
PVC-jacketed 2 m or 9 m 6-wire integral cable or integral 6-pin Pico-style quick-disconnect fitting. QD cables are
ordered separately. See page 379.
Operating Conditions
Temperature: -20° to +55° C Storage Temperature: -20° to +80° C Relative humidity: 90% @ 50° C
Number of Devices Stacked
Ambient Temperature Rating
Load Specification
3
55° C
150 mA
7
50° C
50 mA
10
45° C
50 mA
Installation
35 mm DIN rail or included mounting bracket
Certifications
Hookup Diagrams
NPN Models: DC21 (p. 481)
PNP Models: DC22 (p. 481)
D10 Expert™ with Numeric Display—Analog/Discrete Specifications
Required Fiber Optic Cable
Banner P-Series plastic fibers (See Plastic Fiber Optic section, page 182)
Supply Voltage and Current
4-20 mA Analog Models: 12-24V dc (10% max. ripple) at less than 65 mA exclusive of load
0-10V dc Analog Models: 15-24V dc (10% max. ripple) at less than 70 mA exclusive of load
Supply Protection Circuitry
Protected against reverse polarity and transient voltage.
Output Configuration
2 independently configurable outputs, depending on model:
NPN w/analog (4-20 mA or 0-10V) or PNP w/analog (4-20 mA or 0-10V)
Output Rating
Discrete Output: 150 mA, max. load
OFF-state leakage current:
< 10 µA at 24V dc
ON-state saturation voltage: NPN < 1.5V @ 150 mA
PNP < 2.5V @ 150 mA
Analog Output: 4-20 mA or 0-10V dc
Load: 4-20 mA Models: 100
Ω max. impedance
0-10V dc Models: 1 M
Ω min. impedance
Output Protection Circuitry
Protected against false pulse on power-up and continuous short-circuit
Output Response Time
Discrete Output: Programmable, 50 microseconds, 200 microseconds, 1 millisecond, 2.5 milliseconds
Analog Output: 1 millisecond
NOTE: < 1 second delay on power-up; outputs do not conduct during this time.
Adjustments
Push-button or remote programming of (TEACH) switching threshold response time, OFF-delay, light/dark operate, and display
Indicators
Four-digit digital display plus LED indicators for active channel, push-button lockout, OFF-delay and light/dark
operate selection; two yellow output indicators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com