Electronic Components Datasheet Search
  English  ▼

X  

PBFMP33UHFX Datasheet(PDF) 25 Page - Banner Engineering Corp.

Part # PBFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PBFMP33UHFX Datasheet(HTML) 25 Page - Banner Engineering Corp.

Back Button PBFMP33UHFX Datasheet HTML 21Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 22Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 23Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 24Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 25Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 26Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 27Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 28Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 29Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Fiber Systems
187
More information online at
bannerengineering.com
Plastic Fiber Optics
CORE DIA.
MIN. BEND
MODEL NUMBER
DRAWING & DIMENSIONS
(mm)
RADIUS (mm)
FEATURES
TYPICAL RANGE (mm)
1.0
1
PBF46UHF
Detailed Dimensions Online
2X ø 2.2
polyethylene
stainless steel
17.0
2000
ø 5.1
50
200
100
150
250
• Smooth ferrule
1.0
1
PBFM46UHF
Detailed Dimensions Online
2X ø 2.2
polyethylene
stainless
steel
14.0
17.0
2000
ø 5.1
ø 3.05
50
200
100
150
250
• Smooth ferrule
1.0
1
PBP46UHF
Detailed Dimensions Online
2X ø 2.2
polyethylene
17.0
89.0
2000
M6 x 0.75
nickel plated
brass
ø 3.0
annealed stainless
steel (bendable)
probe
50
200
100
150
250
• Thread; bendable tip
1.0
1
PBPS46UHF
Detailed Dimensions Online
2X ø 2.2
polyethylene
stainless
steel
14.0
2000
3.0
3.2
51
ø 3.0
ø 5.1
stainless steel
(non-bendable) probe
20
80
40
60
100
• Smooth ferrule;
non-bendable tip
0.5
1
PBT26UHF
Detailed Dimensions Online
2X ø 1.0
polyethylene
11.0
2000
M3 x 0.5
nickel plated
brass
10
50
20
30
40
60
• Thread
1.0
1
PBT46UHF
Detailed Dimensions Online
ø 4.0
2X ø 2.2
polyethylene
14.0
3.0
2000
M6 x 0.75
nickel plated
brass
50
200
100
150
250
• Thread
32X 0.265
25
PBR1X326U
Detailed Dimensions Online
2X ø 2.2
polyethylene
aluminum
2000
20.0
10.85
5.0
20.0
13.0
32X
ø 0.265
3X M3 x 0.5
15.0
50
250
100
150
200
300
• Rectangular tip
32X 0.265
25
PBRS1X326U
Detailed Dimensions Online
aluminum
2X ø 2.2
2000
polyethylene
20.0
5.0
20.0
3X M3 x 0.5
13.0
15.0
10.85
32X
ø 0.265
50
250
100
150
200
300
• Rectangular tip;
side sensing
0.5
12
P22-C1
Detailed Dimensions Online
2X ø 1.0
polyethylene
19.0
14.2
8.4
2000
3 0.50
2X ø 3.4
ø 6 countersink
5.0
plastic
• Straight exit with lenses;
3 mm range;
DURA-BEND fiber
0.5
12
P12-C1
Detailed Dimensions Online
• Side exit with lenses;
3 mm range;
DURA-BEND fiber
1.0
12
P32-C2
Detailed Dimensions Online
2X ø 1.0
polyethylene
plastic
10.0
6.0
15.0
3.0
2000
19.0
14.0
2X ø 3.1
ø 6 countersink 1.5 deep
Receiver
Emitter
• Flat mount; 2 mm
range; DURA-BEND fiber
WORLD-BEAM®
QS18
MINI-BEAM®
Expert™
Discrete
Bargraph
Super
High Speed
High Speed
High Power
Super
High Power
D10 SERIES
FI22
Indicates fiber can be Free Cut using Fiber Cutter. See page 197.
NA: WORLD-BEAM QS18 not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com