Electronic Components Datasheet Search
  English  ▼

X  

PBFMP33UHFX Datasheet(PDF) 37 Page - Banner Engineering Corp.

Part # PBFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PBFMP33UHFX Datasheet(HTML) 37 Page - Banner Engineering Corp.

Back Button PBFMP33UHFX Datasheet HTML 33Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 34Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 35Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 36Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 37Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 38Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 39Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 40Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 41Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
Fiber Systems
199
More information online at
bannerengineering.com
Glass Fiber Optics
Glass Fiber Optics Specifications
Construction
Combination of optical glass fiber, stainless steel or PVC, brass, molded thermoplastics, and optical-grade epoxy.
Optical fiber is F2 core, EN1 clad, approx. 50 µm diameter per strand. Flexible steel interlock sheathing is 302
stainless.
Sensing Range
Refer to the specific fiber optic to be used.
Bend Radius
Inside bend radius must b 12 mm or greater for PVC covered fiber optic assemblies, and 25 mm or greater for
stainless steel armored cable covered fibers.
Length
Standard length for assemblies is 915 mm; see dimension diagrams.
Most models are available from the factory with shorter or longer cable lengths, up to 18 m max.
Length Dimension Tolerance
Overall assembly length: ±12 mm per 300 mm of length
Shrink junction dimensions: ±12 mm
Implied Dimensional
Tolerances
All dimensions are in millimeters: x = ±2.5 mm, x.x = ±0.25 mm and x.xx = ±0.12 mm, unless specified.
Operating Conditions
Fiber assemblies with stainless-steel (SS) sheathing and metal end tips: -140° to +249° C
Fiber assemblies with PVC sheathing and/or plastic end tips: -40° to +105° C
Special order assemblies with SS sheathing and metal end tips and model suffix “M600”: -140° to +315° C*
Special order assemblies with SS sheathing and metal end tips and model suffix “M900”: -140° to +480° C*;
note dimensional changes from STD models
* sensing end tip only
!
APPLICATION NOTES AND WARNINGS !
The ends of glass fiber optic assemblies are optically ground and polished. Care taken in this
manufacturing process accounts for the light coupling efficiency of the fiber optic assembly. As a
result, glass fiber assemblies cannot be shortened, spliced, or otherwise modified.
Use caution when applying fiber optics in hazardous locations. Although fiber optic assemblies
are, by themselves, intrinsically safe, the sensor and associated electronics must be LOCATED IN A
SAFE ENVIRONMENT. Alternatively, fiber optics may be used with sensor model SMI912FQD (page
32). This sensor is approved for use inside hazardous areas when used with an appropriate intrinsic
barrier. Also, see NAMUR sensor models Q45AD9F (page 152) and MIAD9F (page 86). Fiber optics do
not necessarily provide a hermetic seal between a hazardous environment and the safe environment.
In applications where glass fibers to insulate the control from high voltage, specify silicone rubber,
Teflon®, or high-density polyethylene sheathing with no reinforcing wire in the cable. It is the
responsibility of the user to test each fiber optic assembly for insulation capacity.
Do not subject the fibers to sharp bends, pinching, repeated flexing or high levels of radiation.
When ordering fiber lengths in excess of 1 m, take into account light signal reduction of 5 percent per
300 mm of additional length.
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com