Electronic Components Datasheet Search
  English  ▼

X  

PBFMP33UHFX Datasheet(PDF) 13 Page - Banner Engineering Corp.

Part # PBFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PBFMP33UHFX Datasheet(HTML) 13 Page - Banner Engineering Corp.

Back Button PBFMP33UHFX Datasheet HTML 9Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 10Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 11Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 12Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 13Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 14Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 15Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 16Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 17Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Fiber Systems
175
More information online at
bannerengineering.com
D12 Series
D12 Expert™ Specifications
Construction
Black ABS housing with acrylic cover, stainless steel M3 x 0.5 hardware for use with thermoplastic polyester
mounting bracket (supplied); the plastic fiber clamping element is Acetal
Environmental Rating
Rated NEMA 4; IEC IP66
Connections
PVC-jacketed 2 m or 9 m cables or 150 mm pigtail with 4-pin Pico-style quick-disconnect (QD) are available. QD
cables are ordered separately. See page 378.
Operating Conditions
Temperature: -20° to +70° C
Relative humidity: 90% at 50° C (non-condensing)
Certifications
(except D10E2)
Hookup Diagrams
NPN Models: DC27 (p. 482)
PNP Models: DC28 (p. 482)
D12 Standard, High-Speed and High-Power Specifications
Supply Voltage and Current
10 to 30V dc at 45 mA max. (exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Outputs are NPN (sinking) or PNP (sourcing), depending on model
Complementary: one normally open (NO) and the other normally closed (NC); NC output may be wired as
diagnostic alarm output by reversing power supply connections except high speed “Y” and “Y1” suffix models (see
hookups)
Output Rating
150 mA max. each output
Off-state leakage current: less than 10 mA at 30V dc
On-state saturation voltage: less than 1 volt at 10 mA dc and less than 1.5 volts at 150 mA dc
The total load may not exceed 150 mA
Output Protection Circuitry
Protected against false pulse on power-up and short circuit of outputs
Output Response Time
Standard and High-Power Models: 500 microseconds on/off;
High-Speed Models: selectable 50 or 500 microseconds on/off
(NOTE: False pulse protection circuit causes a 0.1 second delay on power-up)
Output Timing Functions
“Y1” models have fixed 20 milliseconds pulse stretcher (off-delay) when 50 microseconds mode is used
Repeatability
130 microseconds; “Y” and “Y1” models have selectable 50 microseconds/500 microseconds response; repeatability
in 50 microseconds mode is 15 microseconds
Adjustments
All models have a SENSITIVITY control on top of sensor (15-turn slotted brass screw, clutched at both ends of
adjustment); “Y” and “Y1” (high speed models) also have a top-mounted response mode selector switch
Indicators
Two top-mounted LED indicators, one yellow and one green, and one 7-segment red LED moving dot bargraph;
Note that the 7-segment bargraph and marginal excess gain indication (bargraph segment #7) are inoperative in the
50 µs response mode of “Y” and “Y1” models
Green LED lights for DC Power On
Yellow LED lights for NORMALLY OPEN OUTPUT CONDUCTING
On all models in 500 microseconds response mode, the 7-segment moving dot red LED bargraph lights to indicate
relative received light signal strength; On all models in 50 and 500 microseconds response mode, segment #1
flashes to indicate OUTPUT OVERLOAD; On all models in the 500 microseconds response mode, segment #7
flashes to indicate MARGINAL EXCESS GAIN; On standard and high power models, a flashing LED corresponds to
the “on” state of the alarm output; (Alarm output not available on Y & Y1 models)
Mounting Bracket
D12 Sensors mount directly to a standard DIN rail, or may be through-hole mounted using the supplied mounting
bracket and M3 x 0.5 hardware
Construction
Black ABS housing with acrylic cover, stainless steel M3 x 0.5 hardware for use with thermoplastic polyester
mounting bracket (supplied); the plastic fiber clamping element is Acetal
Environmental Rating
Rated NEMA 4; IEC IP66
Connections
PVC-jacketed 2 m or 9 m cables, or 150 mm pigtail with 4-pin Pico-style quick-disconnect (QD) are available. QD
cables are ordered separately. See page 378.
Operating Conditions
Temperature: -20° to +70° C
Relative humidity: 90% at 50° C (non-condensing)
Certifications
Hookup Diagrams
NPN Models: DC07 (p. 477)
PNP Models: DC08 (p. 477)
D12 Expert™ Specifications (cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com