Electronic Components Datasheet Search
  English  ▼

X  

PBFMP33UHFX Datasheet(PDF) 31 Page - Banner Engineering Corp.

Part # PBFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PBFMP33UHFX Datasheet(HTML) 31 Page - Banner Engineering Corp.

Back Button PBFMP33UHFX Datasheet HTML 27Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 28Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 29Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 30Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 31Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 32Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 33Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 34Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 35Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Fiber Systems
193
More information online at
bannerengineering.com
Plastic Fiber Optics
CORE DIA.
MIN. BEND
MODEL NUMBER
DRAWING & DIMENSIONS
(mm)
RADIUS (mm)
FEATURES
TYPICAL RANGE (mm)
1.0
1
PIAT46UHF
Detailed Dimensions Online
ø 2.2
ø 3.3
polyethylene
stainless
steel
2000
13.9
16.5
ø 1.47
25.4
R 12.7
10.9
3.0
M4 x 0.7
stainless steel
M2.5 x 0.45
200
800
400
600
1000
• 90° Angle/Thread
1.0
1
PIF46UHF
Detailed Dimensions Online
17.0
2000
ø 3.18
stainless steel
ø 2.2
polyethylene
200
800
400
600
1000
• Smooth ferrule
1.0
1
PIFM46UHF
Detailed Dimensions Online
15.0
2000
ø 3.0
stainless steel
ø 2.2
polyethylene
200
800
400
600
1000
• Smooth ferrule;
miniature tip
1.0
1
PIP46UHF
Detailed Dimensions Online
ø 1.47
ø 2.2
polyethylene
14.0
89
2000
M4 x 0.7
nickel plated
brass
annealed stainless steel
(bendable) probe
200
800
400
600
1000
• Thread; bendable tip
1.0
1
PIPS46UHF
Detailed Dimensions Online
ø 3.18
polyethylene
2000
14.0
51
ø 1.47
stainless steel
(non-bendable) probe
stainless
steel
2.5
3.0
ø 2.2
ø 1.0
100
50
400
350
150
250
200
300
450
• Smooth ferrule;
non-bendable tip
1.0
1
PIPSB46UHF
Detailed Dimensions Online
ø 3.0
polyethylene
2000
15.0
65.0
ø 1.27
annealed stainless
steel (bendable) probe
stainless
steel
2.0
2.5
ø 2.2
5.0
10.2
bendable
area
100
50
400
350
150
250
200
300
450
• Smooth ferrule;
bendable tip
0.5
1
PIT26UHF
Detailed Dimensions Online
ø 1.0
polyethylene
11.0
2000
M3 x 0.5
nickel plated brass
50
250
100
150
200
300
• Thread
1.0
1
PIT46UHF
Detailed Dimensions Online
ø 2.2
polyethylene
11.0
3.0
2000
M4 x 0.7
nickel plated brass
M2.5
x 0.045
200
800
400
600
1000
• Thread
1.0
25
PIE46UT
Detailed Dimensions Online
ø 2.2
ø 4.0
FEP
†Teflon®
polyethylene
2000
1830
22.0
ø 5.0
L2
lens
500
2500
1000
1500
2000
3000
• Fluoropolymer
encapsulated; lens
1.5
38
PIE66UTMNL
Detailed Dimensions Online
ø 2.2
ø 4.0
FEP† Teflon®
polyethylene
2000
1830
18.0
ø 5.0
200
400
600
800
1000
1200
1400
• Fluoropolymer
encapsulated;
large effective beam
1.0
25
PIES46UT
Detailed Dimensions Online
ø 2.2
ø 4.0
FEP† Teflon®
polyethylene
2000
1830
22.0
ø 5.0
L2RA
side-view
prism
100
500
200
300
400
600
• Fluoropolymer
encapsulated;
side-view prism
WORLD-BEAM®
QS18
MINI-BEAM®
Expert™
Discrete
Bargraph
Super
High Speed
High Speed
High Power
Super
High Power
D10 SERIES
FI22
Indicates lens available for model. See page 195 for details.
Indicates fiber can be Free Cut using Fiber Cutter. See page 197.
NA: WORLD-BEAM QS18 not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com