Electronic Components Datasheet Search
  English  ▼

X  

PBFMP33UHFX Datasheet(PDF) 17 Page - Banner Engineering Corp.

Part # PBFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PBFMP33UHFX Datasheet(HTML) 17 Page - Banner Engineering Corp.

Back Button PBFMP33UHFX Datasheet HTML 13Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 14Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 15Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 16Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 17Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 18Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 19Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 20Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 21Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Fiber Systems
179
More information online at
bannerengineering.com
R55F Series
R55 Fiber Optic Specifications
Supply Voltage and Current
10 to 30V dc (10% max. ripple) at less than 70 mA, exclusive of load
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Bipolar: One current sourcing (PNP) and one current sinking (NPN) open-collector transistor
Output Rating
150 mA max each output @ 25° C (derate
≈ 1 mA per ° C increase)
OFF-state leakage current: less than 5 µA @ 30V dc
ON-state saturation voltage: PNP Output less than 1V @ 10 mA and 1.5V @ 150 mA
NPN Output less than 200 mV @ 10 mA and 1V @ 150 mA
Output Protection Circuitry
Protected against false pulse on power-up and continuous overload or short-circuit of outputs
Output Response Time
50 microseconds
NOTE: 100 millisecond delay on power-up; outputs do not conduct during this time.
Adjustments
Using push buttons (“+” Dynamic and “-” Static):
Manually adjust Switch Point using “+” or “-” buttons
Dynamic TEACH (teach on-the-fly) sensitivity adjustment
Static TEACH sensitivity adjustment
Static Single-Point TEACH
Light operate/Dark operate
OFF Delay select: 0 milliseconds, 20 milliseconds or 40 milliseconds
Using Remote TEACH input (gray wire):
Dynamic TEACH (teach on-the-fly) sensitivity adjustment
Static TEACH sensitivity adjustment
Static Single-Point TEACH
Light operate/Dark operate
OFF Delay select: 0 milliseconds, 20 milliseconds or 40 milliseconds
Push button lockout for security
Indicators
10-segment (green) light bar indicates signal strength
Light Operate (green)
Dark Operate (green)
Outputs Conducting (yellow)
OFF Delay (green):
SETUP Mode: OFF — no delay
RUN Mode: OFF — no delay
Flashing — 20 milliseconds delay
ON — 20 or 40 milliseconds Delay
ON — 40 milliseconds delay
Construction
Black ABS/polycarbonate blend; nylon fiber clip mounts to standard 35 mm DIN rail
1 stainless steel right angle bracket and 1 PBT polyester bracket for mounting to flat surfaces also included with sensor
Environmental Rating
IEC IP67; NEMA 6
Connections
2 m or 9 m PVC-jacketed 5-conductor cable or 5-pin Euro-style quick-disconnect (QD) fitting. QD cables are
ordered separately. See page 382.
Fibers: Fiber clip (no tool required)
Operating Conditions
Temperature: -10° to +55° C
Relative humidity: 90% at 50° C (non-condensing)
Application Notes
• Do not mount the fiber tip directly perpendicular to shiny surfaces; position it at approximately a 15° angle in
relation to the sensing target.
• Minimize web or product “flutter” whenever possible to maximize sensing reliability.
Certifications
Hookup Diagrams
DC11 (p. 478)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com