Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 20 Page - Texas Instruments

Part # AFE031
Description  AFE031 Powerline Communications Analog Front-End
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE031 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 16Page - Texas Instruments AFE031 Datasheet HTML 17Page - Texas Instruments AFE031 Datasheet HTML 18Page - Texas Instruments AFE031 Datasheet HTML 19Page - Texas Instruments AFE031 Datasheet HTML 20Page - Texas Instruments AFE031 Datasheet HTML 21Page - Texas Instruments AFE031 Datasheet HTML 22Page - Texas Instruments AFE031 Datasheet HTML 23Page - Texas Instruments AFE031 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0
10 µs/div (dB)
Tx Filter CENELEC A
Tx Filter CENELEC B
G017
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0
1 µs/div (dB)
G018
0
20
40
60
80
100
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
PA Current
AVDD Current
DVDD Current
All blocks disabled
G015
0
0.5
1
1.5
2
2.5
3
5
10
15
20
25
30
35
40
45
50
RSET (kΩ)
+3
σ
Typical
−3
σ
G016
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G013
0
10
20
30
40
50
60
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
PA Current (PA Enabled)
AVDD Current (RX Mode)
AVDD Current (TX Mode)
G014
20
AFE031
SBOS531E – AUGUST 2010 – REVISED JUNE 2019
www.ti.com
Product Folder Links: AFE031
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
At TJ = 25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and 10 kΩ connected to PA_ISET (pin 46), unless otherwise noted.
Figure 17. Rx PGA2 Gain Error vs Temperature
Figure 18. Quiescent Supply Current vs Temperature
Figure 19. Supply Current (Shutdown) vs Temperature
Figure 20. PA Current Limit vs RSET
Figure 21. Tx Filter Pulse Response
Figure 22. PA Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com