Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 1 Page - Texas Instruments

Part # AFE031
Description  AFE031 Powerline Communications Analog Front-End
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE031 Datasheet(HTML) 1 Page - Texas Instruments

  AFE031 Datasheet HTML 1Page - Texas Instruments AFE031 Datasheet HTML 2Page - Texas Instruments AFE031 Datasheet HTML 3Page - Texas Instruments AFE031 Datasheet HTML 4Page - Texas Instruments AFE031 Datasheet HTML 5Page - Texas Instruments AFE031 Datasheet HTML 6Page - Texas Instruments AFE031 Datasheet HTML 7Page - Texas Instruments AFE031 Datasheet HTML 8Page - Texas Instruments AFE031 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
DVDD
DGND
AGND1
Bias
AVDD1
AGND2
AVDD2
SCLK
DI
DO
Digital Interface
(SPI)
Control Register
Rx Filter
RxPGA_1
ZC1
ZC2
Tx Filter
Power
Amplifier
AFE031
CS
DAC
SD
Tx_Flag
Rx_Flag
INT
Digital-to-Analog
Converter
Rx_F_IN
Rx_C1
Rx_C2
Rx_F_OUT
Rx_PGA1_OUT
Rx_PGA1_IN
Two-Wire Rx/Tx
E_Tx_CLK
E_Tx_IN
E_Tx_OUT
RxPGA_2
TxPGA
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
AFE031
SBOS531E – AUGUST 2010 – REVISED JUNE 2019
AFE031 Powerline Communications Analog Front-End
1
1 Features
1
•
Integrated powerline driver with thermal and
overcurrent protection
•
Conforms to EN50065-1
•
PRIME certified
•
Large output swing: 12 VPP at 1.5 A
(15-V supply)
•
Low power consumption:
15 mW (receive mode)
•
Programmable Tx and Rx filters
•
Supports EN50065 CENELEC bands A, B, C, D
•
Supports FSK, S-FSK, and OFDM
•
Supports PRIME, G3, IEC 61334
•
Receive sensitivity: 20 μVRMS, typical
•
Programmable Tx and Rx gain control
•
Four-wire serial peripheral interface
•
Two integrated zero crossing detectors
•
Two-wire transceiver buffer
•
48-Pin QFN PowerPAD™ package
•
Extended junction temperature range:
–40°C to +125°C
2 Applications
•
eMetering
•
Lighting
•
Solar
•
Pilot wire
3 Description
The AFE031 is a low-cost, integrated, powerline
communications (PLC) analog front-end (AFE) device
that is capable of capacitive- or transformer-coupled
connections to the powerline while under the control
of a DSP or microcontroller. It is ideal for driving low-
impedance lines that require up to 1.5 A into reactive
loads. The integrated receiver is able to detect
signals down to 20 μVRMS and is capable of a wide
range of gain options to adapt to varying input signal
conditions. This monolithic integrated circuit provides
high
reliability
in
demanding
powerline
communications applications.
The AFE031 transmit power amplifier operates from a
single supply in the range of 7 V to 24 V. At
maximum output current, a wide
output
swing
provides a 12-VPP (IOUT = 1.5 A) capability with a
nominal 15-V supply. The analog and digital signal
processing circuitry operates from a single 3.3-V
power supply.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AFE031
VQFN (48)
7.00 mm × 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - AFE031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE031 TI1-AFE031 Datasheet
1Mb / 56P
Powerline Communications Analog Front-End
SEPTEMBER2011
AFE031 TI1-AFE031 Datasheet
970Kb / 57P
Powerline Communications Analog Front-End
AFE031AIRGZR TI1-AFE031AIRGZR Datasheet
1Mb / 56P
Powerline Communications Analog Front-End
SEPTEMBER2011
AFE031AIRGZR TI1-AFE031AIRGZR Datasheet
970Kb / 57P
Powerline Communications Analog Front-End
AFE031AIRGZT TI1-AFE031AIRGZT Datasheet
1Mb / 56P
Powerline Communications Analog Front-End
SEPTEMBER2011
More results

Similar Description - AFE031

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Maxim Integrated Produc...
MAX2981 MAXIM-MAX2981 Datasheet
178Kb / 12P
Integrated Powerline Communication Analog Front-End Transceiver and Line Driver
Rev 0; 7/09
MAX2991 MAXIM-MAX2991 Datasheet
1Mb / 22P
Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
Rev 0; 1/10
logo
Texas Instruments
AFE031 TI1-AFE031 Datasheet
1Mb / 56P
Powerline Communications Analog Front-End
SEPTEMBER2011
AFE030 TI1-AFE030 Datasheet
992Kb / 58P
Powerline Communications Analog Front-End
AFE031 TI1-AFE031_13 Datasheet
970Kb / 57P
Powerline Communications Analog Front-End
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
Power-Line Communications Analog Front-End
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
Power-Line Communications Analog Front-End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
logo
Maxim Integrated Produc...
MAX2991 MAXIM-MAX2991_V01 Datasheet
1Mb / 22P
Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
19-5125; Rev 0; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com