Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 46 Page - Texas Instruments

Part # AFE031
Description  AFE031 Powerline Communications Analog Front-End
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE031 Datasheet(HTML) 46 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 42Page - Texas Instruments AFE031 Datasheet HTML 43Page - Texas Instruments AFE031 Datasheet HTML 44Page - Texas Instruments AFE031 Datasheet HTML 45Page - Texas Instruments AFE031 Datasheet HTML 46Page - Texas Instruments AFE031 Datasheet HTML 47Page - Texas Instruments AFE031 Datasheet HTML 48Page - Texas Instruments AFE031 Datasheet HTML 49Page - Texas Instruments AFE031 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
46
AFE031
SBOS531E – AUGUST 2010 – REVISED JUNE 2019
www.ti.com
Product Folder Links: AFE031
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
Table 19. Block Descriptions
BLOCK
DESCRIPTION
PA
The PA block includes the power amplifier and associated pedestal biasing circuitry
Tx
The Tx block includes the Tx_Filter and the Tx_PGA
Rx
The Rx block includes the Rx PGA1, the Rx Filter, and the Rx PGA2
ERx
The ER block includes the two-wire receiver
ETx
The ER block includes the two-wire transmitter
DAC
The DAC block includes a digital-to-analog converter
ZC
The ZC block includes both zero crossing detectors
REF1
The REF1 block includes the internal bias generator for the PA block
REF2
The REF2 block includes the internal bias generators for the Tx, Rx, ERx, and ETx
blocks
10.2 Typical Application
Figure 48 shows the AFE031 configured in a typical PLC analog front-end application. The schematic shows the
connections to the microprocessor and ac line. The values of the passive components in Figure 48 are suitable
for a single-phase powerline communications application in the CENELEC A band, connected to a 120-VAC or
240-VAC, 50-Hz or 60-Hz ac line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com