Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 28 Page - Texas Instruments

Part # AFE031
Description  AFE031 Powerline Communications Analog Front-End
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE031 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 24Page - Texas Instruments AFE031 Datasheet HTML 25Page - Texas Instruments AFE031 Datasheet HTML 26Page - Texas Instruments AFE031 Datasheet HTML 27Page - Texas Instruments AFE031 Datasheet HTML 28Page - Texas Instruments AFE031 Datasheet HTML 29Page - Texas Instruments AFE031 Datasheet HTML 30Page - Texas Instruments AFE031 Datasheet HTML 31Page - Texas Instruments AFE031 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
C
C1
C2
R1
R2
1
2
f
p
R
·
· ·
IN,PGA1
C =
L1
L2
From line coupling circuit
To Rx PGA1
See Note (1)
Copyright © 2017, Texas Instruments Incorporated
C
1
1
2
f
p
R
· · ·
IN,PGA2
C =
2
Rx C1
Rx C2
330 W
To ADC input on MCU
From line coupling circuit
or passive bandpass filter
LPF
PGA
PGA
Note (2)
Inside the AFE031
Rx_PGA1_OUT
Rx_F_IN
Rx_PGA1_
IN
Rx_PGA2_
OUT
Rx_F_
OUT
PA_IN
C
2
1
2
f
p
R
· · ·
IN,PGA1
C =
1
Note (1)
Rx_C1
Rx_C2
See Note (3)
Copyright © 2017, Texas Instruments Incorporated
28
AFE031
SBOS531E – AUGUST 2010 – REVISED JUNE 2019
www.ti.com
Product Folder Links: AFE031
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
The Rx Filter is a very low noise, unity-gain, fourth-order low-pass filter. The Rx Filter cutoff frequency is
selectable between CENELEC A or CENELEC B, C, and D modes. The Control1 Register bit location 3 setting
(CA CBCD) determines the cutoff frequency. Setting Control1 Register bit location 3 to '0' selects the CENELEC
A band; setting Control1 Register bit location 3 to '1' selects the CENELEC B, C, and D bands. Because the Rx
Filter is a very low noise analog filter, two external capacitors are required to properly configure the Rx Filter.
Table 3 shows the proper capacitance values for CENELEC A, B, C, and D bands. Capacitor Rx C1 is connected
between pin 24 and ground, and Rx C2 is connected between pin 23 and ground. For the capacitors shown, it is
recommended that these components be rated to withstand the full AVDD power-supply voltage
Table 3. Recommended External Capacitors Required for Rx Filter
FREQUENCY BAND
Rx C1, PIN 24
Rx C2, PIN 23
CUTOFF FREQUENCY (kHz)
CENELEC A
680 pF
680 pF
90
CENELEC B, C, D
270 pF
560 pF
145
Figure 31 illustrates the recommended connections for the Rx signal chain.
(1)
For capacitor value C1, f is the desired lower cutoff frequency and RIN,PGA1 is the input resistance of Rx PGA1.
(2)
For capacitor value C2, f is the desired lower cutoff frequency and RIN,PGA2 is the input resistance of Rx PGA2.
(3)
Refer to Table 3.
Figure 31. Recommended Connections for Rx Signal Chain
As Figure 32 shows, a fourth-order passive passband filter is optional but recommended for applications where
high performance is required. The external passive passband filter removes any unwanted, out-of-band signals
from the signal path, and prevents them from reaching the active internal filters within the AFE031.
(1)
For capacitor value C, f is the desired lower cutoff frequency and RIN,PGA1 is the input resistance of Rx PGA1. Refer
to Table 3.
Figure 32. Passive Bandpass Rx Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com