Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 52 Page - Texas Instruments

Part # AFE031
Description  AFE031 Powerline Communications Analog Front-End
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE031 Datasheet(HTML) 52 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 48Page - Texas Instruments AFE031 Datasheet HTML 49Page - Texas Instruments AFE031 Datasheet HTML 50Page - Texas Instruments AFE031 Datasheet HTML 51Page - Texas Instruments AFE031 Datasheet HTML 52Page - Texas Instruments AFE031 Datasheet HTML 53Page - Texas Instruments AFE031 Datasheet HTML 54Page - Texas Instruments AFE031 Datasheet HTML 55Page - Texas Instruments AFE031 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
52
AFE031
SBOS531E – AUGUST 2010 – REVISED JUNE 2019
www.ti.com
Product Folder Links: AFE031
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
11 Device and Documentation Support
11.1 Device Support
11.1.1 Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT
CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES
OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER
ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
11.1.2 Development Support
11.1.2.1 Powerline Communications Developer’s Kit
A PLC developer’s kit (TMDSPLCKIT-V3) is available to order at www.ti.com/plc. This kit offers complete
hardware and software solutions for introducing flexible, efficient, and reliable networking capabilities to a wide
variety of applications. With unique modular hardware architecture and flexible software framework, TI’s PLC
solutions are the only PLC-based technology capable of supporting multiple protocol standards and modulation
schemes with a single platform. This technology enables designers to leverage product lines across global
markets. The flexibility of the platform also allows developers to optimize hardware and software performance for
specific environmental operating conditions while simplifying end-to-end product design. Based on TI’s powerful
C2000™ microcontroller architecture and the AFE031, developers can select the correct blend of processing
capacity and peripherals to either add powerline communications to an existing design or implement a complete
application with PLC communications.
The C2000 Powerline Modem Developer's Kit enables easy development of software-based PLC modems. The
kit includes two PLC modems based on the C2000 TMS320F28069 controlCARD and the AFE031. The included
PLC SUITE software supports several communication techniques, including OFDM (PRIME/G3 and FlexOFDM)
and SFSK. The kit also includes onboard USB JTAG emulation and Code Composer Studio.
11.1.2.2 TINA-TI™ (Free Software Download)
TINA™ is a simple, powerful, and easy-to-use circuit simulation program based on a SPICE engine. TINA-TI™ is
a free, fully-functional version of the TINA software, preloaded with a library of macro models in addition to a
range of both passive and active models. TINA-TI provides all the conventional DC, transient, and frequency
domain analysis of SPICE, as well as additional design capabilities.
Available as a free download from the Analog eLab Design Center, TINA-TI offers extensive post-processing
capability that allows users to format results in a variety of ways. Virtual instruments offer the ability to select
input waveforms and probe circuit nodes, voltages, and waveforms, creating a dynamic quick-start tool.
NOTE
These files require that either the TINA software (from DesignSoft™) or TINA-TI software
be installed. Download the free TINA-TI software from the TINA-TI folder.
11.1.2.3 TI Precision Designs
TI Precision Designs are analog solutions created by TI’s precision analog applications experts and offer the
theory of operation, component selection, simulation, complete PCB schematic and layout, bill of materials, and
measured
performance
of
many
useful
circuits.
TI
Precision
Designs
are
available
online
at
http://www.ti.com/ww/en/analog/precision-designs/.
11.1.2.4 WEBENCH® Filter Designer
WEBENCH® Filter Designer is a simple, powerful, and easy-to-use active filter design program. The WEBENCH
Filter Designer lets you create optimized filter designs using a selection of TI operational amplifiers and passive
components from TI's vendor partners.
Available as a web-based tool from the WEBENCH® Design Center, WEBENCH® Filter Designer allows you to
design, optimize, and simulate complete multistage active filter solutions within minutes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com