Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 6 Page - Texas Instruments

Part # AFE031
Description  AFE031 Powerline Communications Analog Front-End
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE031 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 2Page - Texas Instruments AFE031 Datasheet HTML 3Page - Texas Instruments AFE031 Datasheet HTML 4Page - Texas Instruments AFE031 Datasheet HTML 5Page - Texas Instruments AFE031 Datasheet HTML 6Page - Texas Instruments AFE031 Datasheet HTML 7Page - Texas Instruments AFE031 Datasheet HTML 8Page - Texas Instruments AFE031 Datasheet HTML 9Page - Texas Instruments AFE031 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
6
AFE031
SBOS531E – AUGUST 2010 – REVISED JUNE 2019
www.ti.com
Product Folder Links: AFE031
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AGND1
12
—
Analog ground
AGND2
29
—
Analog ground
AVDD1
11
—
Analog supply
AVDD2
30
—
Analog supply
CS
6
—
SPI digital chip select
DAC
7
—
DAC mode select
DIN
4
I
SPI digital input
DGND
1
—
Digital ground
DOUT
5
O
SPI digital output
DVDD
2
—
Digital supply
E_Rx_IN
32
I
Two-wire receiver input
E_Rx_OUT
31
O
Two-wire receiver output
E_Tx_CLK
35
I
Two-wire transmitter clock input
E_Tx_IN
34
I
Two-wire transmitter input
E_Tx_OUT
33
O
Two-wire transmitter output
INT
9
—
Interrupt on overcurrent or thermal limit
PA_GND1
41
—
Power Amplifier ground
PA_GND2
40
—
Power Amplifier ground
PA_IN
18
I
Power Amplifier input
PA_ISET
46
—
Power Amplifier current limit set
PA_OUT1
43
O
Power Amplifier output
PA_OUT2
42
O
Power Amplifier output
PA_VS1
45
—
Power Amplifier supply
PA_VS2
44
—
Power Amplifier supply
REF1
19
—
Power Amplifier noise reducing capacitor
REF2
28
—
Receiver noise reducing capacitor
Rx_C1
24
—
Receiver external frequency select
Rx_C2
23
—
Receiver external frequency select
Rx_F_IN
25
I
Receiver filter input
Rx_F_OUT
22
O
Receiver filter output
Rx_FLAG
48
—
Receiver ready flag
Rx PGA1_IN
27
I
Receiver PGA(1) input
Rx PGA1_OUT
26
O
Receiver PGA(1) output
Rx PGA2_IN
21
I
Receiver PGA(2) input
Rx PGA2_OUT
20
O
Receiver PGA(2) output
SCLK
3
—
SPI serial clock
SD
8
—
System shutdown
TSENSE
10
—
Temp sensing diode (anode)
Tx_F_IN1
15
I
Transmit filter input 1
Tx_F_IN2
16
I
Transmit filter input 2
Tx_F_OUT
17
O
Transmit filter output
Tx_FLAG
47
—
Transmitter ready flag
Tx_PGA_IN
13
I
Transmit PGA input
Tx_PGA_OUT
14
O
Transmit PGA output
ZC_IN1
39
I
Zero crossing detector input
ZC_IN2
38
I
Zero crossing detector input
ZC_OUT1
37
O
Zero crossing detector output
ZC_OUT2
36
O
Zero crossing detector output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com