Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 10 Page - Texas Instruments

Part # AFE031
Description  AFE031 Powerline Communications Analog Front-End
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE031 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 6Page - Texas Instruments AFE031 Datasheet HTML 7Page - Texas Instruments AFE031 Datasheet HTML 8Page - Texas Instruments AFE031 Datasheet HTML 9Page - Texas Instruments AFE031 Datasheet HTML 10Page - Texas Instruments AFE031 Datasheet HTML 11Page - Texas Instruments AFE031 Datasheet HTML 12Page - Texas Instruments AFE031 Datasheet HTML 13Page - Texas Instruments AFE031 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
10
AFE031
SBOS531E – AUGUST 2010 – REVISED JUNE 2019
www.ti.com
Product Folder Links: AFE031
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
8.5
Electrical Characteristics: Power Amplifier (PA)
At TJ = 25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and 10 kΩ connected to PA_ISET (pin 46), unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Input
Input voltage range
GND – 0.1
PA_VS + 0.1
V
RI
Input resistance
20
kΩ
Frequency Response
BW
Bandwidth
ILOAD = 0
670
kHz
SR
Slew rate
10-V step
19
V/μs
Full-power bandwidth
VOUT = 10 VPP
300
kHz
AC PSRR
f = 50 kHz
14
dB
Output
VO
Voltage output swing from
PA_VS
IO = 300 mA, sourcing
0.3
1
V
IO = 1.5 A, sourcing
1.7
2
V
VO
Voltage output swing from
PA_Gnd
IO = 300 mA, sinking
0.3
1
V
IO = 1.5 A, sinking
1.3
2
V
IO
Maximum continuous current, dc
7.5 kΩ connected to PA_ISET
1.5
A
Maximum peak current, ac
TJ = –40°C to +125°C, f = 50 kHz
1.7
A
RO
Output resistance
IO = 1.5 A
0.1
Ω
PA disabled
Output impedance, f = 100 kHz, REF1
enabled
145 ll 120
kΩ ll pF
Output current limit range
±0.4 to ±1.5
A
Current limit equation
ILIM = 20 kΩ • [1.2 V/(RSET + 5 kΩ)]
A
Solved for RSET (Current Limit)
RSET = [(20 kΩ • 1.2 V/ILIM) – 5 kΩ]
Ω
Gain
RLOAD = 1 kΩ
G
Nominal gain
6.5
V/V
Gain error
–1%
0.1%
1%
Gain error drift
TJ = –40°C to +125°C
±1
ppm/°C
TSENSE Diode
η
Diode ideality factor
1.033
Thermal Shutdown
Junction temperature at shutdown
160
°C
Hysteresis
15
°C
Return to normal operation
145
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com