Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 30 Page - Texas Instruments

Part # AFE031
Description  AFE031 Powerline Communications Analog Front-End
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE031 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 26Page - Texas Instruments AFE031 Datasheet HTML 27Page - Texas Instruments AFE031 Datasheet HTML 28Page - Texas Instruments AFE031 Datasheet HTML 29Page - Texas Instruments AFE031 Datasheet HTML 30Page - Texas Instruments AFE031 Datasheet HTML 31Page - Texas Instruments AFE031 Datasheet HTML 32Page - Texas Instruments AFE031 Datasheet HTML 33Page - Texas Instruments AFE031 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
C3
C4
R2
R3
L1
L2
From line coupling
circuit
C
1
1
2
f
p
R
· · ·
IN,PGA2
C =
2
Rx C1
Rx C2
330 W
To ADC
input on MCU
LPF
PGA
PGA
Note (2)
Inside the AFE031
Rx_PGA1_OUT
Rx_F_IN
Rx_PGA1_
IN
Rx_PGA2_
OUT
Rx_F_
OUT
PA_IN
C
2
1
2
f
p
R
· · ·
IN,PGA1
C =
1
Note (1)
Rx_C1
Rx_C2
See Note (3)
Copyright © 2017, Texas Instruments Incorporated
30
AFE031
SBOS531E – AUGUST 2010 – REVISED JUNE 2019
www.ti.com
Product Folder Links: AFE031
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
The Rx PGA1, Rx Filter, and Rx PGA2 components have all inputs and outputs externally available to provide
maximum system design flexibility. Care should be taken when laying out the PCB traces from the inputs or
outputs to avoid excessive capacitive loading. Keeping the PCB capacitance from the inputs to ground, or
outputs to ground, below 100 pF is recommended.
Figure 33 shows the complete Rx signal path, including the optional passive passband filter.
(1)
For capacitor value C1,f is the desired lower cutoff frequency and RIN,PGA1 is the input resistance of Rx PGA1.
(2)
For capacitor value C2,f is the desired lower cutoff frequency and RIN,PGA2 is the input resistance of Rx PGA2.
(3)
Refer to Table 3.
Figure 33. Complete Rx Signal Path (with Optional Bandpass Filter)
9.2.4 DAC Block
The DAC block consists only of the 10-bit DAC. The use of the DAC is recommended for best performance. The
serial interface is used to write directly to the DAC registers when the DAC pin (pin 7) is driven high. Placing the
DAC pin into a high state configures the SPI for direct serial interface to the DAC. Use the following sequence to
write to the DAC:
•
Set CS low.
•
Set the DAC pin (pin 7) high.
•
Write a 10-bit word to DIN. The DAC register is left-justified and truncates more than 10 bits.
•
CS high updates the DAC.
Refer to Figure 34 for an illustration of this sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com