Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 9 Page - Texas Instruments

Part # AFE031
Description  AFE031 Powerline Communications Analog Front-End
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE031 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 5Page - Texas Instruments AFE031 Datasheet HTML 6Page - Texas Instruments AFE031 Datasheet HTML 7Page - Texas Instruments AFE031 Datasheet HTML 8Page - Texas Instruments AFE031 Datasheet HTML 9Page - Texas Instruments AFE031 Datasheet HTML 10Page - Texas Instruments AFE031 Datasheet HTML 11Page - Texas Instruments AFE031 Datasheet HTML 12Page - Texas Instruments AFE031 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
9
AFE031
www.ti.com
SBOS531E – AUGUST 2010 – REVISED JUNE 2019
Product Folder Links: AFE031
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
Electrical Characteristics: Transmitter (Tx) (continued)
At TJ = 25°C, PA_VS = 16 V, VAVDD = VDVDD = 3.3 V, and 10 kΩ connected to PA_ISET (pin 46), unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Includes DAC, Tx_PGA, Tx_Filter, PA, and REF1 bias generator.
Gain
Gain error
For all gains
–1%
±0.1%
1%
Gain error drift
TJ = –40°C to +125°C
6
ppm/°C
Tx_FILTER
Input
Input voltage range
GND – 0.1
AVDD + 0.1
V
RI
Input resistance
(Tx_F_IN1 and Tx_F_IN2)
43
kΩ
Frequency Response
CENELEC A Mode
Passband frequency
–3 dB
95
kHz
Stop band attenuation
–50
–60
dB
Stop band frequency
910
kHz
Filter gain
0
dB
CENELEC B/C/D Modes
Passband frequency
–3 dB
145
kHz
Stop band attenuation
–50
–60
dB
Stop band frequency
870
kHz
Filter gain
0
dB
Output
VO
Voltage output swing from
AGND or AVDD
RLOAD = 10 kΩ, connected to AVDD/2
10
100
mV
IO
Maximum continuous current,
dc
Sourcing
25
mA
Sinking
25
mA
RO
Output resistance
f = 100 kHz
1
Ω
Transmitter Noise
Integrated noise at PA output(2)
CENELEC Band A
(40 kHz to 90 kHz)
Noise-reducing capacitor = 1 nF from
pin 19 to ground
435
μVRMS
CENELEC Bands B/C/D
(95 kHz to 140 kHz)
Noise-reducing capacitor = 1 nF from
pin 19 to ground
460
μVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com