Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 45 Page - Texas Instruments

Part # AFE031
Description  AFE031 Powerline Communications Analog Front-End
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE031 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 41Page - Texas Instruments AFE031 Datasheet HTML 42Page - Texas Instruments AFE031 Datasheet HTML 43Page - Texas Instruments AFE031 Datasheet HTML 44Page - Texas Instruments AFE031 Datasheet HTML 45Page - Texas Instruments AFE031 Datasheet HTML 46Page - Texas Instruments AFE031 Datasheet HTML 47Page - Texas Instruments AFE031 Datasheet HTML 48Page - Texas Instruments AFE031 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
Serial
Interface
Serial
Interface
DAC
PGA
PGA
PGA
LPF
LPF
PA
Line Coupling Interface
+
+
N1
N2
Bandpass Filter
C2000 MCU
AFE031
Phase
Neutral
Copyright © 2017, Texas Instruments Incorporated
45
AFE031
www.ti.com
SBOS531E – AUGUST 2010 – REVISED JUNE 2019
Product Folder Links: AFE031
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The AFE031 is an integrated powerline communication analog front-end (AFE) device built from a variety of
functional blocks that work in conjunction with a microcontroller. The AFE031 provides the interface between the
microcontroller and a line coupling circuit. The AFE031 delivers high performance and is designed to work with a
minimum number of external components. Consisting of a variety of functional and configurable blocks, the
AFE031 simplifies design efforts and reduces the time to market of many applications.
The AFE031 includes three primary functional blocks:
•
Power Amplifier (PA)
•
Transmitter (Tx)
•
Receiver (Rx)
The AFE031 also consists of other support circuitry blocks that provide zero crossing detection, an additional
two-wire communications channel, and power-saving biasing blocks (see the ). All of these functional blocks are
digitally controlled by the microcontroller through the serial interface (SPI).
Figure 47 shows a typical powerline communications application system diagram. Table 19 is a complete list of
the sections within the AFE031.
Figure 47. Typical Powerline Communications System Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com