Electronic Components Datasheet Search
  English  ▼

X  

BQ24192 Datasheet(PDF) 21 Page - Texas Instruments

Part # BQ24192
Description  bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ24192 Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ24192 Datasheet HTML 17Page - Texas Instruments BQ24192 Datasheet HTML 18Page - Texas Instruments BQ24192 Datasheet HTML 19Page - Texas Instruments BQ24192 Datasheet HTML 20Page - Texas Instruments BQ24192 Datasheet HTML 21Page - Texas Instruments BQ24192 Datasheet HTML 22Page - Texas Instruments BQ24192 Datasheet HTML 23Page - Texas Instruments BQ24192 Datasheet HTML 24Page - Texas Instruments BQ24192 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
VREF
COLD
HOT
LTF
TCO
VREF
VREF
HOT
COLD
TCO
LTF
VREF
LTF
COLD
1
1
V
RTH
RTH
V
V
RT2
V
V
RTH
1
RTH
1
V
V
V
1
V
RT1
1
1
RT2
RTH
æ
ö
´
´
´
-
ç
÷
è
ø
=
æ
ö
æ
ö
´
-
-
´
-
ç
÷
ç
÷
è
ø
è
ø
-
=
+
bq24190, bq24192, bq24192I
www.ti.com
SLUSAW5B – JANUARY 2012 – REVISED DECEMBER 2014
(2)
Select 0°C to 45°C range for Li-ion or Li-polymer battery,
RTHCOLD = 27.28 kΩ
RTHHOT = 4.911 kΩ
RT1 = 5.52 k
Ω
RT2 = 31.23 k
Ω
9.3.3.5 Charging Termination
The bq24190, bq24192, bq24192I terminates a charge cycle when the battery voltage is above recharge
threshold, and the current is below termination current. After the charging cycle is complete, the BATFET turns
off. The converter keeps running to power the system, and BATFET can turn back on to engage supplement
mode.
When termination occurs, the status register REG08[5:4] is 11, and an INT is asserted to the host. Termination is
temporarily disabled if the charger device is in input current/voltage regulation or thermal regulation. Termination
can be disabled by writing 0 to REG05[7].
9.3.3.5.1
Termination when REG02[0] = 1
When REG02[0] is HIGH to reduce the charging current by 80%, the charging current could be less than the
termination current. The charger device termination function should be disabled. When the battery is charged to
fully capacity, the host disables charging through CE pin or REG01[5:4].
9.3.3.5.2
Termination when REG05[6] = 1
Usually the STAT bit indicates charging complete when the charging current falls below termination threshold.
Write REG05[6] = 1 to enable an early “charge done” indication on STAT pin. The STAT pin goes high when the
charge current reduces below 800 mA. The charging cycle is still on-going until the current falls below the
termination threshold.
9.3.3.6 Charging Safety Timer
The bq24190, bq24192, bq24192I has safety timer to prevent extended charging cycle due to abnormal battery
conditions.
In default mode, the device keeps charging the battery with 5-hour fast charging safety timer regardless of
REG05[2:1] default value. At the end of the 5 hours, the EN_HIZ (REG00[7]) is set to signal the buck converter
stops and the system load is supplied by the battery. The EN_HIZ bit can be cleared to restart the buck
converter.
In host mode, the device keeps charging the battery until the fast charging safety timer expired. The duration of
safety timer can be set by the REG05[2:1] bits (default = 8 hours). At the end of safety timer, the EN_HIZ
(REG00[7]) is cleared to signal the buck converter continues to operation to supply system load.
The safety timer is 1 hour when the battery is below BATLOWV threshold. The user can program fast charge
safety timer through I2C (REG05[2:1]). When safety timer expires, the fault register REG09[5:4] goes 11 and an
INT is asserted to the host. The safety timer feature can be disabled via I2C (REG05[3]).
The following actions restart the safety timer:
•
At the beginning of a new charging cycle
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: bq24190 bq24192 bq24192I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com