Electronic Components Datasheet Search
  English  ▼

X  

BQ24192 Datasheet(PDF) 32 Page - Texas Instruments

Part # BQ24192
Description  bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ24192 Datasheet(HTML) 32 Page - Texas Instruments

Back Button BQ24192 Datasheet HTML 28Page - Texas Instruments BQ24192 Datasheet HTML 29Page - Texas Instruments BQ24192 Datasheet HTML 30Page - Texas Instruments BQ24192 Datasheet HTML 31Page - Texas Instruments BQ24192 Datasheet HTML 32Page - Texas Instruments BQ24192 Datasheet HTML 33Page - Texas Instruments BQ24192 Datasheet HTML 34Page - Texas Instruments BQ24192 Datasheet HTML 35Page - Texas Instruments BQ24192 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
bq24190, bq24192, bq24192I
SLUSAW5B – JANUARY 2012 – REVISED DECEMBER 2014
www.ti.com
9.5.1.5 Charge Voltage Control Register REG04 (bq24190, bq241192 reset = 10110010, or B2; bq24192I
reset = 10011010, or 9A)
Figure 30. REG04 Charge Voltage Control Register Format
7
6
5
4
3
2
1
0
VREG[5]
VREG[4]
VREG[3]
VREG[2]
VREG[1]
VREG[0]
BATLOWV
VRECHG
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 12. REG04 Charge Voltage Control Register Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
NOTE
Charge Voltage Limit
Bit 7
VREG[5]
R/W
1
512 mV
Offset: 3.504 V
Range: 3.504 V to 4.400 V (111000)
Bit 6
VREG[4]
R/W
0
256 mV
Default:
Bit 5
VREG[3]
R/W
0: (bq24192I)
128 mV
bq24190, bq24192: 4.208 V (101100)
1: (bq24190/92)
bq24192I: 4.112 V (100110)
Bit 4
VREG[2]
R/W
1
64 mV
Bit 3
VREG[1]
R/W
0: (bq24190/92)
32 mV
1: (bq24192I)
Bit 2
VREG[0]
R/W
0
16 mV
Battery Precharge to Fast Charge Threshold
Bit 1
BATLOWV
R/W
1
0 – 2.8 V, 1 – 3.0 V
Default: 3.0 V (1)
Battery Recharge Threshold (below battery regulation voltage)
Bit 0
VRECHG
R/W
0
0 – 100 mV, 1 – 300 mV
Default: 100 mV (0)
9.5.1.6 Charge Termination/Timer Control Register REG05 (reset = 10011010, or 9A)
Figure 31. REG05 Charge Termination/Timer Control Register Format
7
6
5
4
3
2
1
0
EN_TERM
TERM_STAT
WATCHDOG[1] WATCHDOG[0]
EN_TIMER
CHG_TIMER[1] CHG_TIMER[0]
Reserved
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 13. REG05 Charge Termination/Timer Control Register Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
NOTE
Charging Termination Enable
Bit 7
EN_TERM
R/W
1
0 – Disable, 1 – Enable
Default: Enable termination (1)
Termination Indicator Threshold
Bit 6
TERM_STAT
R/W
0
0 – Match ITERM,
Default Match ITERM (0)
1 – STAT pin high before actual
termination when charge current
below 800 mA
I2C Watchdog Timer Setting
Bit 5
WATCHDOG[1]
R/W
0
00 – Disable timer, 01 – 40 s,
Default: 40 s (01)
10 – 80 s, 11 – 160 s
Bit 4
WATCHDOG[0]
R/W
1
Charging Safety Timer Enable
Bit 3
EN_TIMER
R/W
1
0 – Disable, 1 – Enable
Default: Enable (1)
Fast Charge Timer Setting
Bit 2
CHG_TIMER[1]
R/W
0
00 – 5 hrs, 01 – 8 hrs, 10 – 12
Default: 8 hours (01)
hrs, 11 – 20 hrs
(See Charging Safety Timer for details)
Bit 1
CHG_TIMER[0]
R/W
1
Bit 0
Reserved
R/W
0
0 - Reserved
Reserved. Must write "0"
32
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq24190 bq24192 bq24192I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com