Electronic Components Datasheet Search
  English  ▼

X  

BQ24192 Datasheet(PDF) 39 Page - Texas Instruments

Part # BQ24192
Description  bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ24192 Datasheet(HTML) 39 Page - Texas Instruments

Back Button BQ24192 Datasheet HTML 35Page - Texas Instruments BQ24192 Datasheet HTML 36Page - Texas Instruments BQ24192 Datasheet HTML 37Page - Texas Instruments BQ24192 Datasheet HTML 38Page - Texas Instruments BQ24192 Datasheet HTML 39Page - Texas Instruments BQ24192 Datasheet HTML 40Page - Texas Instruments BQ24192 Datasheet HTML 41Page - Texas Instruments BQ24192 Datasheet HTML 42Page - Texas Instruments BQ24192 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
STAT
2V/div
/CE
5V/div
SW
10V/div
IBAT
2A/div
4us/div
SYS
3.4V Offset
200mV/div
IIN
2A/div
ISYS
2A/div
2ms/div
VBUS
5V/div
REGN
5V/div
SYS
2V/div
IBAT
2A/div
100ms/div
STAT
2V/div
/CE
5V/div
SW
5V/div
IBAT
1A/div
400us/div
VBUS
5V/div
REGN
5V/div
SYS
2V/div
IIN
200mA/div
100ms/div
VBUS
5V/div
REGN
5V/div
SYS
2V/div
/PG
2V/div
40ms/div
bq24190, bq24192, bq24192I
www.ti.com
SLUSAW5B – JANUARY 2012 – REVISED DECEMBER 2014
The charger device has internal loop compensator. To get good loop stability, the resonant frequency of the
output inductor and output capacitor should be designed between 15 kHz and 25 kHz. With 2.2-µH inductor, the
typical output capacitor value is 20 µF. The preferred ceramic capacitor is 6 V or higher rating, X7R or X5R.
10.2.3 Application Performance Plots
VBAT 3.2 V
VBAT 3.2 V
Figure 40. bq24190 Power Up from USB100 mA
Figure 41. bq24192 Power Up with Charge Disabled
VBUS 5 V
Figure 42. bq24192 Power Up with Charge Enabled
Figure 43. Charge Enable
VBUS 5 V, IIN 3 A, Charge Disable
VBUS 12 V
Figure 45. Input Current DPM Response without Battery
Figure 44. Charge Disable
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: bq24190 bq24192 bq24192I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com