Electronic Components Datasheet Search
  English  ▼

X  

BQ24192 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ24192
Description  bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ24192 Datasheet(HTML) 4 Page - Texas Instruments

  BQ24192 Datasheet HTML 1Page - Texas Instruments BQ24192 Datasheet HTML 2Page - Texas Instruments BQ24192 Datasheet HTML 3Page - Texas Instruments BQ24192 Datasheet HTML 4Page - Texas Instruments BQ24192 Datasheet HTML 5Page - Texas Instruments BQ24192 Datasheet HTML 6Page - Texas Instruments BQ24192 Datasheet HTML 7Page - Texas Instruments BQ24192 Datasheet HTML 8Page - Texas Instruments BQ24192 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
STAT
SCL
SDA
PGND
PGND
SYS
SYS
4
5
6
7
8
9
15
16
17
18
22
23
24
1
2
3
BAT
BAT
13
14
19
20
21
10
11
12
VBUS
D+
D
–
bq24190
STAT
SCL
SDA
PGND
PGND
SYS
SYS
4
5
6
7
8
9
15
16
17
18
22
23
24
1
2
3
BAT
BAT
13
14
19
20
21
10
11
12
VBUS
PSEL
PG
bq24192
bq24192I
bq24190, bq24192, bq24192I
SLUSAW5B – JANUARY 2012 – REVISED DECEMBER 2014
www.ti.com
7 Pin Configuration and Functions
RGE Package
24-Pin VQFN With Exposed Thermal Pad
(Top View)
Blue pins indicate difference in pin names/functionality between devices.
Pin Functions
PIN
NUMBER
TYPE
DESCRIPTION
bq24192
bq24190
bq24192I
Charger Input Voltage. The internal n-channel reverse block MOSFET (RBFET) is connected between VBUS
VBUS
VBUS
1,24
P
and PMID with VBUS on source. Place a 1-µF ceramic capacitor from VBUS to PGND and place it as close as
possible to IC. (Refer to Application Information Section for details)
I
Positive line of the USB data line pair. D+/D– based USB host/charging port detection. The detection includes
D+
–
2
data contact detection (DCD) and primary detection in bc1.2.
Analog
I
–
PSEL
2
Power source selection input. High indicates a USB host source and Low indicates an adapter source.
Digital
I
Negative line of the USB data line pair. D+/D– based USB host/charging port detection. The detection includes
D–
–
3
data contact detection (DCD) and primary detection in bc1.2.
Analog
Open drain active low power good indicator. Connect to the pull up rail via 10-k
Ω resistor. LOW indicates a
O
–
PG
3
good input source if the input voltage is between UVLO and ACOV, above SLEEP mode threshold, and current
Digital
limit is above 30 mA.
Open drain charge status output to indicate various charger operation. Connect to the pull up rail via 10-k
Ω.
O
LOW indicates charge in progress. HIGH indicates charge complete or charge disabled. When any fault
STAT
STAT
4
condition occurs, STAT pin in bq24190, bq24192 blinks at 1 Hz, and STAT pin in bq24192I has a 10-k
Ω
Digital
resistor to ground.
I
SCL
SCL
5
I2C Interface clock. Connect SCL to the logic rail through a 10-k
Ω resistor.
Digital
I/O
SDA
SDA
6
I2C Interface data. Connect SDA to the logic rail through a 10-k
Ω resistor.
Digital
O
Open-drain Interrupt Output. Connect the INT to a logic rail via 10-k
Ω resistor. The INT pin sends active low,
INT
INT
7
256-us pulse to host to report charger device status and fault.
Digital
USB current limit selection pin during buck mode, and active high enable pin during boost mode.
I
In buck mode with USB host (PSEL=High), when OTG = High, IIN limit = 500 mA and when OTG = Low, IIN
OTG
OTG
8
limit = 100 mA.
Digital
The boost mode is activated when the REG01[5:4] = 10 and OTG pin is High.
I
Active low Charge Enable pin. Battery charging is enabled when REG01[5:4] = 01 and CE pin = Low. CE pin
CE
CE
9
must be pulled high or low.
Digital
4
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq24190 bq24192 bq24192I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com