Electronic Components Datasheet Search
  English  ▼

X  

BQ24192 Datasheet(PDF) 28 Page - Texas Instruments

Part # BQ24192
Description  bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ24192 Datasheet(HTML) 28 Page - Texas Instruments

Back Button BQ24192 Datasheet HTML 24Page - Texas Instruments BQ24192 Datasheet HTML 25Page - Texas Instruments BQ24192 Datasheet HTML 26Page - Texas Instruments BQ24192 Datasheet HTML 27Page - Texas Instruments BQ24192 Datasheet HTML 28Page - Texas Instruments BQ24192 Datasheet HTML 29Page - Texas Instruments BQ24192 Datasheet HTML 30Page - Texas Instruments BQ24192 Datasheet HTML 31Page - Texas Instruments BQ24192 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
bq24190, bq24192, bq24192I
SLUSAW5B – JANUARY 2012 – REVISED DECEMBER 2014
www.ti.com
Device Functional Modes (continued)
If the charger device is in host mode, it will stay in HIZ state even after the USB100-mA source is removed, and
the adapter plugs in. During the HIZ state, REG00[7] is set HIGH and the system load is supplied from battery. It
is recommended that the processor host always checks if the charger IC is in HIZ state when it wakes up. The
host can write REG00[7] to 0 to exit HIZ state.
If the charger is in default mode, when the DC source is removed, the charger device will get out of HIZ state
automatically. When the input source plugs in again, the charger IC runs detection on the input source and
update the input current limit.
9.4.1.2 USB Timer when Charging from USB 100-mA Source
The total charging time in default mode from USB 100-mA source is limited by a 45-min max timer. At the end of
the timer, the device stops the converter and goes to HIZ.
9.5 Register Map
Table 7. Register Map
REGISTER
REGISTER NAME
RESET
bq24190, bq24192: 00110000, or 30
REG00
Input Source Control Register
bq24192I: 00111000, or 38
REG01
Power-On Configuration Register
00011011, or 1B
bq24190, bq24192: 01100000, or 60
REG02
Charge Current Control Register
bq24192I: 00100000, or 20
REG03
Pre-Charge/Termination Current Control Register
00010001, or 11
bq24190, bq241192: 10110010, or B2
REG04
Charge Voltage Control Register
bq24192I: 10011010, or 9A
REG05
Charge Termination/Timer Control Register
10011010, or 9A
REG06
IR Compensation / Thermal Regulation Control Register
00000011, or 03
REG07
Misc Operation Control Register
01001011, or 4B
REG08
System Status Register
—
REG09
Fault Register
—
REG0A
Vender / Part / Revision Status Register
—
28
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq24190 bq24192 bq24192I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com