Electronic Components Datasheet Search
  English  ▼

X  

BQ24192 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ24192
Description  bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ24192 Datasheet(HTML) 3 Page - Texas Instruments

  BQ24192 Datasheet HTML 1Page - Texas Instruments BQ24192 Datasheet HTML 2Page - Texas Instruments BQ24192 Datasheet HTML 3Page - Texas Instruments BQ24192 Datasheet HTML 4Page - Texas Instruments BQ24192 Datasheet HTML 5Page - Texas Instruments BQ24192 Datasheet HTML 6Page - Texas Instruments BQ24192 Datasheet HTML 7Page - Texas Instruments BQ24192 Datasheet HTML 8Page - Texas Instruments BQ24192 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
bq24190, bq24192, bq24192I
www.ti.com
SLUSAW5B – JANUARY 2012 – REVISED DECEMBER 2014
5 Description (Continued)
Its low impedance power path optimizes switch-mode operation efficiency, reduces battery charging time and
extends battery life during discharging phase. The I2C serial interface with charging and system settings makes
the device a truly flexible solution.
The device supports a wide range of input sources, including standard USB host port, USB charging port and
high power DC adapter. To set the default input current limit, the bq24190 detects the input source following the
USB battery charging spec 1.2, and the bq24192 and bq24192I take the results from detection circuit in the
system, such as USB PHY device. The bq24190,192, and 192I are compliant with USB 2.0 and USB 3.0 power
specifications with input current and voltage regulation. Meanwhile, the bq24190, bq24192, and bq24192I meet
USB On-the-Go operation power rating specification by supplying 5 V on the VBUS with a current limit up to 1.3
A.
The power path management regulates the system slightly above battery voltage but does not drop below 3.5-V
minimum system voltage (programmable). With this feature, the system maintains operation even when the
battery is completely depleted or removed. When the input current limit or voltage limit is reached, the power
path management automatically reduces the charge current to zero. As the system load continues to increase,
the power path discharges the battery until the system power requirement is met. This supplement mode
operation prevents overloading the input source.
The devices initiate and complete a charging cycle without software control. It automatically detects the battery
voltage and charges the battery in three phases: pre-conditioning, constant current and constant voltage. At the
end of the charging cycle, the charger automatically terminates when the charge current is below a preset limit in
the constant voltage phase. When the full battery falls below the recharge threshold, the charger will
automatically start another charging cycle.
The bq24190, bq24192, and bq24192I provide various safety features for battery charging and system operation,
including dual pack negative thermistor monitoring, charging safety timer and over-voltage/over-current
protections. The thermal regulation reduces charge current when the junction temperature exceeds 120°C
(programmable).
The STAT output reports the charging status and any fault conditions. The PG output in the bq24192 and
bq24192I indicates if a good power source is present. The INT immediately notifies the host when a fault occurs.
The bq24190, bq24192, and bq24192I are available in a 24-pin, 4.00 x 4.00 mm2 thin VQFN package.
6 Device Comparison Table
bq24190
bq24192
bq24192I
I2C Address
6BH
6BH
6BH
USB Detection
D+/D–
PSEL
PSEL
Default VINDPM
4.36 V
4.36 V
4.44 V
Default Battery Voltage
4.208 V
4.208 V
4.112 V
Default Charge Current
2.048 A
2.048 A
1.024 A
Default Adapter Current Limit
1.5 A
3 A
1.5 A
Maximum Pre-Charge Current
2.048 A
2.048 A
640 mA
Cold/Hot
Cold/Hot
Cold/Hot
Charging Temperature Profile
2 TS pins
2 TS pins
2 TS pins
Status Output
STAT
STAT, PG
STAT, PG
STAT During Fault
Blinking at 1 Hz
Blinking at1 Hz
10 k to ground
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq24190 bq24192 bq24192I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com