Electronic Components Datasheet Search
  English  ▼

X  

BQ24192 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ24192
Description  bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ24192 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24192 Datasheet HTML 1Page - Texas Instruments BQ24192 Datasheet HTML 2Page - Texas Instruments BQ24192 Datasheet HTML 3Page - Texas Instruments BQ24192 Datasheet HTML 4Page - Texas Instruments BQ24192 Datasheet HTML 5Page - Texas Instruments BQ24192 Datasheet HTML 6Page - Texas Instruments BQ24192 Datasheet HTML 7Page - Texas Instruments BQ24192 Datasheet HTML 8Page - Texas Instruments BQ24192 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
VBUS
PMID
D+
D–
STAT
SDA
SCL
INT
OTG
CE
SW
BTST
REGN
PGND
SYS
BAT
ILIM
TS1
TS2
VREF
SYS: 3.5V-4.35V
REGN
SYS
bq24190
Power Pad
1 F
6.8 F
47nF
4.7 F
1 H
10kW
10 F
353W
(1.5A max)
10kW
10kW
5.52kW
31.23kW
10kW
(103-AT)
5V USB SDP/DCP
2.2kW
10 F
10 F
10 F
10 F
USB
Host
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq24190, bq24192, bq24192I
SLUSAW5B – JANUARY 2012 – REVISED DECEMBER 2014
bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger
with Narrow VDC Power Path Management and USB OTG
1
1 Features
•
High Efficiency 4.5-A Switch Mode Charger
–
Integrated Current Sensing
–
92% Charge Efficiency at 2 A, 90% at 4 A
–
Bootstrap Diode
–
Accelerate Charge Time by Battery Path
–
Internal Loop Compensation
Impedance Compensation
•
Safety
•
Compatible with MaxLife Technology for Faster
–
Battery Temperature Sensing and Charging
Charging When Used in Conjunction With
Safety Timer
bq27531
–
Thermal Regulation and Thermal Shutdown
•
Highest Battery Discharge Efficiency with 12-m
Ω
–
Input System Over-Voltage Protection
Battery Discharge MOSFET up to 9-A Discharge
–
MOSFET Over-Current Protection
Current
•
Charge Status Outputs for LED or Host Processor
•
Single Input USB-compliant/Adapter Charger
•
Low Battery Leakage Current and Support
–
USB Host or Charging Port D+/D- Detection
Shipping Mode
Compatible to USB Battery Charger Spec 1.2
•
4.00 mm x 4.00 mm VQFN-24 Package
–
Input Voltage and Current Limit Supports
USB2.0 and USB3.0
2 Applications
–
Input Current Limit: 100 mA, 150 mA, 500 mA,
•
Tablet PC and Smart Phone
900 mA, 1.2 A, 1.5 A, 2 A and 3 A
•
Portable Audio Speaker
•
3.9-V to 17-V Input Operating Voltage Range
•
Portable Media Players
–
Support All Kinds of Adapter with Input Voltage
•
Internet Devices
DPM Regulation
•
USB OTG 5 V at 1.3-A Synchronous Boost
3 Description
Converter Operation
The bq24190, bq24192, and bq24192I are highly-
–
93% 5-V Boost Efficiency at 1 A
integrated switch-mode battery charge management
•
Narrow VDC (NVDC) Power Path Management
and system power path management devices for
single cell Li-Ion and Li-polymer battery in a wide
–
Instant-on Works with No Battery or Deeply
range of tablet and other portable devices.
Discharged Battery
–
Ideal Diode Operation in Battery Supplement
Device Information(1)
Mode
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
1.5-MHz Switching Frequency for Low Profile
bq24190
Inductor
bq24192
VQFN (24)
4.00 mm x 4.00 mm
•
Autonomous Battery Charging with or without
bq24192I
Host Management
(1) For all available packages, see the orderable addendum at
–
Battery Charge Enable
the end of the datasheet.
–
Battery Charge Preconditioning
–
Charge Termination and Recharge
•
High Accuracy (0°C to 125°C)
–
±0.5% Charge Voltage Regulation
–
±7% Charge Current Regulation
–
±7.5% Input Current Regulation
–
±2% Output Regulation in Boost Mode
•
High Integration
–
Power Path Management
–
Synchronous Switching MOSFETs
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ24192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 52P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
bq24192I TI1-bq24192I Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24192I TI1-BQ24192I Datasheet
2Mb / 52P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger
More results

Similar Description - BQ24192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192I TI-BQ24192I_15 Datasheet
2Mb / 52P
bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI-BQ24193_15 Datasheet
2Mb / 49P
bq24193 I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com