Electronic Components Datasheet Search
  English  ▼

X  

BQ24192 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ24192
Description  bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ24192 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24192 Datasheet HTML 7Page - Texas Instruments BQ24192 Datasheet HTML 8Page - Texas Instruments BQ24192 Datasheet HTML 9Page - Texas Instruments BQ24192 Datasheet HTML 10Page - Texas Instruments BQ24192 Datasheet HTML 11Page - Texas Instruments BQ24192 Datasheet HTML 12Page - Texas Instruments BQ24192 Datasheet HTML 13Page - Texas Instruments BQ24192 Datasheet HTML 14Page - Texas Instruments BQ24192 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
40
50
60
70
80
90
100
110
120
130
Temperature (°C)
TREG 80 C
TREG 120 C
C009
4.05
4.09
4.13
4.17
4.21
4.25
–50
0
50
100
150
Temperature (°C)
VREG = 4.112 V
VREG = 4.208 V
C002
400
600
800
1000
1200
1400
1600
1800
2000
±50
0
50
100
150
Temperature (
ƒC)
IIN = 500 mA
IIN = 1.5 A
IIN = 2 A
C003
bq24190, bq24192, bq24192I
www.ti.com
SLUSAW5B – JANUARY 2012 – REVISED DECEMBER 2014
Figure 7. BAT Voltage vs Temperature
Figure 8. Input Current Limit vs Temperature
Figure 9. Charge Current vs Temperature
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq24190 bq24192 bq24192I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com