Electronic Components Datasheet Search
  English  ▼

X  

BQ24192 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ24192
Description  bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ24192 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24192 Datasheet HTML 5Page - Texas Instruments BQ24192 Datasheet HTML 6Page - Texas Instruments BQ24192 Datasheet HTML 7Page - Texas Instruments BQ24192 Datasheet HTML 8Page - Texas Instruments BQ24192 Datasheet HTML 9Page - Texas Instruments BQ24192 Datasheet HTML 10Page - Texas Instruments BQ24192 Datasheet HTML 11Page - Texas Instruments BQ24192 Datasheet HTML 12Page - Texas Instruments BQ24192 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
bq24190, bq24192, bq24192I
www.ti.com
SLUSAW5B – JANUARY 2012 – REVISED DECEMBER 2014
Electrical Characteristics (continued)
VVBUS_UVLOZ < VVBUS < VACOV and VVBUS > VBAT + VSLEEP, TJ = –40°C to 125°C and TJ = 25°C for typical values unless other
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBTST-VSW when LSFET refresh pulse is
3.6
requested, VBUS = 5 V
VBTST_REFRESH
Bootstrap refresh comparator threshold
V
VBTST-VSW when LSFET refresh pulse is
4.5
requested, VBUS > 6 V
BOOST MODE OPERATION
VOTG_REG
OTG output voltage
I(VBUS) = 0
5.00
V
VOTG_REG_ACC
OTG output voltage accuracy
I(VBUS) = 0
–2%
2%
REG01[0] = 0
0.5
A
IOTG
OTG mode output current
REG01[0] = 1
1.3
A
VOTG_OVP
OTG over-voltage threshold
5.3
5.5
V
IOTG_ILIM
LSFET cycle-by-cycle current limit
3.2
4.6
A
IOTG_HSZCP
HSFET under current falling threshold
100
mA
REG01[0] = 1
1.4
1.8
2.7
IRBFET_OCP
RBFET over-current threshold
A
REG01[0] = 0
0.6
1.1
1.8
REGN LDO
VVBUS = 10 V, IREGN = 40 mA
5.6
6
6.4
V
VREGN
REGN LDO output voltage
VVBUS = 5 V, IREGN = 20 mA
4.75
4.8
V
IREGN
REGN LDO current limit
VVBUS = 10 V, VREGN = 3.8 V
50
mA
LOGIC I/O PIN CHARACTERISTICS (OTG, CE, PSEL, STAT, PG)
VILO
Input low threshold
0.4
V
VIH
Input high threshold
1.3
V
VOUT_LO
Output low saturation voltage
Sink current = 5 mA
0.4
V
IBIAS
High level leakage current
Pull up rail 1.8 V
1
µA
I2C INTERFACE (SDA, SCL, INT)
VIH
Input high threshold level
VPULL-UP = 1.8 V, SDA and SCL
1.3
V
VIL
Input low threshold level
VPULL-UP = 1.8 V, SDA and SCL
0.4
V
VOL
Output low threshold level
Sink current = 5 mA
0.4
V
IBIAS
High-level leakage current
VPULL-UP = 1.8 V, SDA and SCL
1
µA
fSCL
SCL clock frequency
400
kHz
DIGITAL CLOCK AND WATCHDOG TIMER
fHIZ
Digital crude clock
REGN LDO disabled
15
35
50
kHz
fDIG
Digital clock
REGN LDO enabled
1300
1500
1700
kHz
tWDT
REG05[5:4] = 11
REGN LDO enabled
136
160
sec
8.6 Typical Characteristics
Table 1. Table of Figures
FIGURE NO.
System Light Load Efficiency vs System Load Current
Figure 1
SYS Voltage Regulation vs System Load
Figure 2
Charging Efficiency vs Charging Current
Figure 3
Boost Mode Efficiency vs VBUS Load Current
Figure 4
Boost Mode VBUS Voltage Regulation vs VBUS Load Current
Figure 5
SYS Voltage vs Temperature
Figure 6
BAT Voltage vs Temperature
Figure 7
Input Current Limit vs Temperature
Figure 8
Charge Current vs Temperature
Figure 9
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: bq24190 bq24192 bq24192I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com