Electronic Components Datasheet Search
  English  ▼

X  

CDCM6208 Datasheet(PDF) 16 Page - Texas Instruments

Part # CDCM6208
Description  CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCM6208 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCM6208 Datasheet HTML 12Page - Texas Instruments CDCM6208 Datasheet HTML 13Page - Texas Instruments CDCM6208 Datasheet HTML 14Page - Texas Instruments CDCM6208 Datasheet HTML 15Page - Texas Instruments CDCM6208 Datasheet HTML 16Page - Texas Instruments CDCM6208 Datasheet HTML 17Page - Texas Instruments CDCM6208 Datasheet HTML 18Page - Texas Instruments CDCM6208 Datasheet HTML 19Page - Texas Instruments CDCM6208 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 94 page
background image
16
CDCM6208
SCAS931G – MAY 2012 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
6.20 Device Individual Block Current Consumption
VDD_Yx_Yy, VDD_PRI, VDD_SEC, VDD_PLLx, DVDD, VDD_VCO = 1.8 V, 2.5 V, or 3.3 V, TA = –40°C to 85°C, Output
Types = LVPECL/CML/LVDS/LVCMOS/HCSL
BLOCK
CONDITION
TYPICAL CURRENT CONSUMPTION (mA)
Core
CDCM6208 Core, active mode, PS_A = PS_B = 4
75
Output Buffer
CML output, AC-coupled with 100-
Ω diff load
24.25
LVPECL, AC-coupled with 100-
Ω diff load
40
LVCMOS output, transient, 'C L' load, 'f' MHz output
frequency, 'V' output swing
1.8 + V x f OUT x (C L+ 12 x 10
-12) x 10 3
LVDS output, AC-coupled with 100-
Ω diff load
19.7
HCSL output, 50-
Ω load to GND on each output pin
31
Output Divide Circuitry
Integer Divider Bypass (Divide = 1)
3
Integer Divide Enabled, Divide > 1
8
Fractional Divider Enabled
12
additional current when PS_A differs from PS_B
15
Total Device, CDCM6208
Device Settings (V2)
1.
PRI input enabled, set to LVDS mode
2.
SEC input XTAL
3.
Input bypass off, PRI only sent to PLL
4.
Reference clock 30.72 MHz
5.
PRI input divider set to 1
6.
Reference input divider set to 1
7.
Charge Pump Current = 2.5 mA
8.
VCO Frequency = 3.072 GHz
9.
PS_A = PS_B divider ration = 4
10. Feedback divider ratio = 25
11. Output divider ratio = 5
12. Fractional divider pre-divider = 2
13. Fractional divider core input frequency = 384 MHz
14. Fractional divider value = 3.84, 5.76, 3.072, 7.68
15. CML outputs selected for CH0-3 (153.6 MHz)
LVDS outputs selected for CH4-7 (100 MHz, 66.66 MHz,
125 MHz, 50 MHz)
(excl. I termination_resistors)
(1.8 V: 251 mA
2.5 V: 254 mA
3.3 V: 257 mA)
(incl. I termination_resistors)
(1.8 V: 310 mA
2.5 V: 313 mA
3.3 V: 316 mA)
Total Device, CDCM6208
Power Down (PDN = '0')
0.35
Helpful Note: The CDCM6208 User GUI does an excellent job estimating the total device current consumption
based on the actual device configuration. Therefore, TI recommends using the GUI to estimate device power
consumption.
The individual supply pin current consumption for Pin mode P23 was measured to come out the following:
Table 1. Individual Supplies Measured
Y0-1
Y2-3
Y4
Y5
Y6
Y7
SEC
(VSEC = 1.8V)
SEC
(VSEC = 2.5V)
PRI
PLL1
PLL2
VCO
DVDD
Total
PWR PIN 39 = GND
VPRI = 1.8 V
VOUT = 1.8 V
61 mA
40 mA
21 mA
29 mA
30 mA
31 mA
12 mA
70 mA
1.5 mA
295.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com