Electronic Components Datasheet Search
  English  ▼

X  

CDCM6208 Datasheet(PDF) 21 Page - Texas Instruments

Part # CDCM6208
Description  CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCM6208 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCM6208 Datasheet HTML 17Page - Texas Instruments CDCM6208 Datasheet HTML 18Page - Texas Instruments CDCM6208 Datasheet HTML 19Page - Texas Instruments CDCM6208 Datasheet HTML 20Page - Texas Instruments CDCM6208 Datasheet HTML 21Page - Texas Instruments CDCM6208 Datasheet HTML 22Page - Texas Instruments CDCM6208 Datasheet HTML 23Page - Texas Instruments CDCM6208 Datasheet HTML 24Page - Texas Instruments CDCM6208 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
Set to one of the following signaling
levels: LVPECL, CML, LVDS
CDCM6208
50 O
50
50
50
Balun
Phase Noise/
Spectrum
Analyzer
YN
YP
CDCM6208
LVCMOS
Phase Noise/
Spectrum
Analyzer
50
CDCM6208
LVCMOS
Oscilloscope
High impedance probe
1mA
CDCM6208
LVCMOS
Oscilloscope
High impedance probe
1mA
VDD_Yx
CDCM6208
LVCMOS
5pF
Oscilloscope
High impedance probe
21
CDCM6208
www.ti.com
SCAS931G – MAY 2012 – REVISED JANUARY 2018
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
7 Parameter Measurement Information
This section describes the characterization test setup of each block in the CDCM6208.
Figure 9. LVCMOS Output AC Configuration During Device Test (VOH, VOL, tSLEW)
Figure 10. LVCMOS Output DC Configuration During Device Test
Figure 11. LVCMOS Output AC Configuration During Device Phase Noise Test
Figure 12. LVDS, CML, and LVPECL Output AC Configuration During Device Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com