Electronic Components Datasheet Search
  English  ▼

X  

CDCM6208 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCM6208
Description  CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCM6208 Datasheet(HTML) 2 Page - Texas Instruments

  CDCM6208 Datasheet HTML 1Page - Texas Instruments CDCM6208 Datasheet HTML 2Page - Texas Instruments CDCM6208 Datasheet HTML 3Page - Texas Instruments CDCM6208 Datasheet HTML 4Page - Texas Instruments CDCM6208 Datasheet HTML 5Page - Texas Instruments CDCM6208 Datasheet HTML 6Page - Texas Instruments CDCM6208 Datasheet HTML 7Page - Texas Instruments CDCM6208 Datasheet HTML 8Page - Texas Instruments CDCM6208 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 94 page
background image
2
CDCM6208
SCAS931G – MAY 2012 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 6
6.1
Absolute Maximum Ratings ...................................... 6
6.2
ESD Ratings.............................................................. 6
6.3
Recommended Operating Conditions ....................... 7
6.4
Thermal Information, Airflow = 0 LFM....................... 7
6.5
Thermal Information, Airflow = 150 LFM................... 8
6.6
Thermal Information, Airflow = 250 LFM................... 8
6.7
Thermal Information, Airflow = 500 LFM................... 8
6.8
Single-Ended Input Characteristics (SI_MODE[1:0],
SDI/SDA/PIN1, SCL/PIN4, SDO/ADD0/PIN2,
SCS/ADD1/PIN3, STATUS1/PIN0, RESETN/PWR,
PDN, SYNCN, REF_SEL).......................................... 9
6.9
Single-Ended Input Characteristics (PRI_REF,
SEC_REF) ................................................................. 9
6.10
Differential Input Characteristics (PRI_REF,
SEC_REF) ............................................................... 10
6.11
Crystal Input Characteristics (SEC_REF) ............ 10
6.12
Single-Ended Output Characteristics (STATUS1,
STATUS0, SDO, SDA) ............................................ 11
6.13
PLL Characteristics .............................................. 11
6.14
LVCMOS Output Characteristics ......................... 12
6.15
LVPECL (High-Swing CML) Output
Characteristics ......................................................... 13
6.16
CML Output Characteristics................................. 13
6.17
LVDS (Low-Power CML) Output Characteristics . 14
6.18
HCSL Output Characteristics............................... 14
6.19
Output Skew and Sync to Output Propagation Delay
Characteristics ......................................................... 15
6.20
Device Individual Block Current Consumption...... 16
6.21
Worst Case Current Consumption ........................ 17
6.22
Timing Requirements, I2C Timing ......................... 17
6.23
Typical Characteristics .......................................... 19
7
Parameter Measurement Information ................ 21
8
Detailed Description ............................................ 26
8.1
Overview ................................................................. 26
8.2
Functional Block Diagram ....................................... 26
8.3
Feature Description................................................. 26
8.4
Device Functional Modes........................................ 35
8.5
Programming........................................................... 51
8.6
Register Maps ......................................................... 52
9
Application and Implementation ........................ 65
9.1
Application Information............................................ 65
9.2
Typical Applications ................................................ 65
10
Power Supply Recommendations ..................... 74
10.1
Power Rail Sequencing, Power Supply Ramp Rate,
and Mixing Supply Domains .................................... 74
10.2
Device Power-Up Timing ...................................... 75
10.3
Power Down.......................................................... 78
10.4
Power Supply Ripple Rejection (PSRR) versus
Ripple Frequency ..................................................... 78
11
Layout................................................................... 79
11.1
Layout Guidelines ................................................. 79
11.2
Reference Schematics .......................................... 81
12
Device and Documentation Support ................. 85
12.1
Documentation Support ........................................ 85
12.2
Receiving Notification of Documentation Updates 85
12.3
Community Resources.......................................... 85
12.4
Trademarks ........................................................... 85
12.5
Electrostatic Discharge Caution ............................ 85
12.6
Glossary ................................................................ 85
13
Mechanical, Packaging, and Orderable
Information ........................................................... 85
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (April 2014) to Revision G
Page
•
Changed Handling Ratings table to ESD Ratings .................................................................................................................. 6
•
Added Table 7 ..................................................................................................................................................................... 38
•
Added Table 10 ................................................................................................................................................................... 43
Changes from Revision E (March 2013) to Revision F
Page
•
Changed layout of data sheet to conform to new TI standards. Added the following sections: Handling Ratings,
Thermal Information, Typical Characteristics, Programming, Register Maps, Layout and Layout Guidelines ..................... 1
•
Changed from zero to one ................................................................................................................................................... 53
•
Added text at the end of the first paragraph in Power Down section .................................................................................. 78
•
Changed fOUT = 122.88 MHz, VDD Supply Noise = 100 mVpp............................................................................................ 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com