Electronic Components Datasheet Search
  English  ▼

X  

CDCM6208 Datasheet(PDF) 56 Page - Texas Instruments

Part # CDCM6208
Description  CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCM6208 Datasheet(HTML) 56 Page - Texas Instruments

Back Button CDCM6208 Datasheet HTML 52Page - Texas Instruments CDCM6208 Datasheet HTML 53Page - Texas Instruments CDCM6208 Datasheet HTML 54Page - Texas Instruments CDCM6208 Datasheet HTML 55Page - Texas Instruments CDCM6208 Datasheet HTML 56Page - Texas Instruments CDCM6208 Datasheet HTML 57Page - Texas Instruments CDCM6208 Datasheet HTML 58Page - Texas Instruments CDCM6208 Datasheet HTML 59Page - Texas Instruments CDCM6208 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 94 page
background image
56
CDCM6208
SCAS931G – MAY 2012 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
(1)
It is ok to power up the device with a 2.5 V/3.3 V supply while this bit is set to 0 and to update this bit thereafter.
Table 22. Register 5
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
15
RESERVED
This bit must be set to 0
14
RESERVED
This bit must be set to 0
13
RESERVED
This bit must be set to 0
12
RESERVED
This bit must be set to 0
11
RESERVED
This bit must be set to 0
10
RESERVED
This bit must be set to 0
9
RESERVED
This bit must be set to 0
8:7
SEL_DRVR_CH1[1:0]
Output Channel 1
Output Channel 1 Type Selection:
00, 01
→ LVDS
10
→ CML
11
→ PECL
6:5
EN _CH1[1:0]
Output channel 1 enable:
00
→ Disable
01
→ Enable
10
→ Drive static 0
11
→ Drive static 1
4:3
SEL_DRVR_CH0[1:0]
Output Channel 0
Output Channel 0 Type Selection:
00, 01
→ LVDS
10
→ CML
11
→ PECL
2:1
EN_CH0[1:0]
Output channel 0 enable:
00
→ Disable
01
→ Enable
10
→ Drive static 0
11
→ Drive static 1
0
SUPPLY_CH0_1 (1)
Output Channels 0
and 1
Output Channels 0 and 1 Supply Voltage Selection:
0
→ 1.8 V
1
→ 2.5/3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com