Electronic Components Datasheet Search
  English  ▼

X  

CDCM6208 Datasheet(PDF) 66 Page - Texas Instruments

Part # CDCM6208
Description  CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCM6208 Datasheet(HTML) 66 Page - Texas Instruments

Back Button CDCM6208 Datasheet HTML 62Page - Texas Instruments CDCM6208 Datasheet HTML 63Page - Texas Instruments CDCM6208 Datasheet HTML 64Page - Texas Instruments CDCM6208 Datasheet HTML 65Page - Texas Instruments CDCM6208 Datasheet HTML 66Page - Texas Instruments CDCM6208 Datasheet HTML 67Page - Texas Instruments CDCM6208 Datasheet HTML 68Page - Texas Instruments CDCM6208 Datasheet HTML 69Page - Texas Instruments CDCM6208 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 94 page
background image
De-Serializer
Serializer
TX REF
CLOCK
TX PLL
serial data with
embedded clock
CDR
RX REF
CLOCK
fhigh=BWTX PLL
RX PLL
flow=BWRX PLL
fhigh
flow
HTransfer(f) = HTXPLL * ( 1 - HRXPLL)
flow=1.875MHz for 10GbE
fhigh=20MHz for 10GbE
66
CDCM6208
SCAS931G – MAY 2012 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Typical Applications (continued)
Figure 50. Serial Link Jitter Budget Explanation
Example: SERDES link with KeyStone™ I DSP
The SERDES TX PLL of the TI KeyStone™ I DSP family (see Hardware Design Guide for KeyStone Devices
(SPRABI2)) for the SRIO interface has a 13-MHz PLL bandwidth (Low Pass Characteristic, see Figure 50). The
CDCM6208V2, pin-mode 27, was characterized in this example over Process, Voltage and Temperature (PVT)
with a low-pass filter of 13 MHz to simulate the TX PLL. The attenuation is higher or equal to 20 dB/dec;
therefore, the characterization used 20 dB/dec as worst case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com