Electronic Components Datasheet Search
  English  ▼

X  

CDCM6208 Datasheet(PDF) 43 Page - Texas Instruments

Part # CDCM6208
Description  CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCM6208 Datasheet(HTML) 43 Page - Texas Instruments

Back Button CDCM6208 Datasheet HTML 39Page - Texas Instruments CDCM6208 Datasheet HTML 40Page - Texas Instruments CDCM6208 Datasheet HTML 41Page - Texas Instruments CDCM6208 Datasheet HTML 42Page - Texas Instruments CDCM6208 Datasheet HTML 43Page - Texas Instruments CDCM6208 Datasheet HTML 44Page - Texas Instruments CDCM6208 Datasheet HTML 45Page - Texas Instruments CDCM6208 Datasheet HTML 46Page - Texas Instruments CDCM6208 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 94 page
background image
f(PFD)
ICP
suggested loop Filter
[MHz]
[mA]
C1/R2/C2
R3
C3
00
out
SPI/I2C Default
25
2.5
10 Ohm
35 pF
10
0x00
Pin Mode 1 - V1
25
2.5
10 Ohm
35 pF
10
0x01
Pin Mode 2 - V1
25
2.5
10 Ohm
35 pF
10
0x02
Pin Mode 3 - V1
25
2.5
10 Ohm
35 pF
10
0x03
Pin Mode 4 - V1
25
2.5
10 Ohm
35 pF
10
0x04
Pin Mode 5 - V1
25
2.5
10 Ohm
35 pF
10
0x05
Pin Mode 6 - V1
25
2.5
10 Ohm
35 pF
10
0x06
Pin Mode 7 - V1
25
2.5
10 Ohm
35 pF
10
0x07
Pin Mode 8 - V1
25
2.5
10 Ohm
35 pF
10
0x08
Pin Mode 9 - V1
25
2.5
10 Ohm
35 pF
10
0x09
Pin Mode 10 - V1
25
2.5
10 Ohm
35 pF
10
0x0A
Pin Mode 11 - V1
25
2.5
10 Ohm
35 pF
10
0x0B
Pin Mode 12 - V1
25
2.5
10 Ohm
35 pF
10
0x0C
Pin Mode 13 - V1
25
2.5
10 Ohm
35 pF
10
0x0D
Pin Mode 14 - V1
25
2.5
10 Ohm
35 pF
10
0x0E
Pin Mode 15 - V1
25
2.5
10 Ohm
35 pF
10
0x0F
Pin Mode 16 - V1
38.88
2.0
10 Ohm
35 pF
10
0x10
Pin Mode 17 - V1
25
2.5
10 Ohm
35 pF
10
0x11
Pin Mode 18 - V1
2.5
10 Ohm
35 pF
10
0x12
Pin Mode 19 - V1
25
2.5
10 Ohm
35 pF
10
0x13
Pin Mode 20 - V1
38.88
2.0
10 Ohm
35 pF
10
0x14
Pin Mode 21 - V1
2.0
10 Ohm
35 pF
10
0x15
Pin Mode 22 - V1
0.8
3.0
10 Ohm
35 pF
10
0x16
Pin Mode 23 - V1
25
2.5
10 Ohm
35 pF
10
0x17
Pin Mode 24 - V1
25
2.5
10 Ohm
35 pF
10
0x18
Pin Mode 25 - V1
25
2.5
10 Ohm
35 pF
10
0x19
Pin Mode 26 - V1
25
2.5
10 Ohm
35 pF
10
0x1A
Pin Mode 27 - V1
25
2.5
10 Ohm
35 pF
10
0x1B
Pin Mode 28 - V1
25
2.5
10 Ohm
35 pF
10
0x1C
Pin Mode 29 - V1
25
2.5
10 Ohm
35 pF
10
0x1D
Pin Mode 30 - V1
25
2.5
10 Ohm
35 pF
10
0x1E
Pin Mode 31 - V1
2.5
10 Ohm
35 pF
10
0x1F
Pin Mode 32 - V1
25
2.5
10 Ohm
35 pF
Internal LPF
components
100pF/500/22nF
10pF/2.8k/4.7nF
25
38.88
25
100pF/500/22nF
01
43
CDCM6208
www.ti.com
SCAS931G – MAY 2012 – REVISED JANUARY 2018
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Table 10. CDCM6208V1H Loop Filter Recommendation for Pin Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com