Electronic Components Datasheet Search
  English  ▼

X  

CDCM6208 Datasheet(PDF) 26 Page - Texas Instruments

Part # CDCM6208
Description  CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCM6208 Datasheet(HTML) 26 Page - Texas Instruments

Back Button CDCM6208 Datasheet HTML 22Page - Texas Instruments CDCM6208 Datasheet HTML 23Page - Texas Instruments CDCM6208 Datasheet HTML 24Page - Texas Instruments CDCM6208 Datasheet HTML 25Page - Texas Instruments CDCM6208 Datasheet HTML 26Page - Texas Instruments CDCM6208 Datasheet HTML 27Page - Texas Instruments CDCM6208 Datasheet HTML 28Page - Texas Instruments CDCM6208 Datasheet HTML 29Page - Texas Instruments CDCM6208 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 94 page
background image
Control
Output
PLL
Input
N
8-b,10-b
-
R
4-b
Host
Interface
Status/
Monitoring
Power
Conditioning
CDCM6208
Differential/
LVCMOS
Differential
LVCMOS/
XTAL
LVPECL/
CML/
LVDS
LVDS/
LVCMOS/
HCSL
Fractional Div
M
14-b
Integer Div
LVDS/
LVCMOS/
HCSL
VCO:
V1: (2.39-2.55) GHz
and V2: (2.94-3.13) GHz
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
PRI_REF
SEC_REF
Integer Div
PreScaler PS_A
÷4, ÷5, ÷6
ELF
REF_SEL
Fractional Div
20-b
20-b
8-b
8-b
Fractional Div
20-b
Fractional Div
20-b
PreScaler PS_B
÷4, ÷5, ÷6
26
CDCM6208
SCAS931G – MAY 2012 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
In synthesizer mode, the overall output jitter performance is less than 0.5 ps-rms (10 k - 20 MHz) or 20 ps-pp
on output using integer dividers and is between 50 to 220 ps-pp on outputs using fractional dividers depending
on the prescaler output frequency.
In jitter cleaner mode, the overall output jitter is less than 2.1 ps-rms (10 k - 20 MHz) or 40 ps-pp on output
using integer dividers and is less than 70 to 240 ps-pp on outputs using fractional dividers. The CDCM6208 is
packaged in a small 48-pin, 7-mm × 7-mm VQFN package.
8.2 Functional Block Diagram
8.3 Feature Description
Supply Voltage: The CDCM6208 supply is internally regulated. Therefore, each core and I/O supply can be
mixed and matched in any order according to the application needs. The device jitter performance is independent
of supply voltage.
Frequency Range: The PLL includes dual reference inputs with input multiplexer, charge pump, loop filter, and
VCO that operates from 2.39 GHz to 2.55 GHz (CDCM6208V1) and 2.94 GHz to 3.13 GHz (CDCM6208V2).
Reference inputs: The primary and secondary reference inputs support differential and single ended signals
from 8 kHz to 250 MHz. The secondary reference input also supports crystals from 10 MHz to 50 MHz. There is
a 4-bit reference divider available on the primary reference input. The input mux between the two references
supports simply switching or can be configured as Smart MUX and supports glitchless input switching.
Divider and Prescaler: In addition to the 4-bit input divider of the primary reference a 14-b input divider at the
output of input MUX and a cascaded 8-b and 10-b continuous feedback dividers are available. Two independent
prescaler dividers offer divide by /4, /5 and /6 options of the VCO frequency of which any combination can then
be chosen for a bank of 4 outputs (2 with fractional dividers and 2 that share an integer divider) through an
output MUX. A total of 2 output MUXes are available.
Phase Frequency Detector and Charge Pump: The PFD input frequency can range from 8 kHz to 100 MHz.
The charge pump gain is programmable and the loop filter consists of internal + partially external passive
components and supports bandwidths from a few Hz up to 400 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com