Electronic Components Datasheet Search
  English  ▼

X  

CDCM6208 Datasheet(PDF) 13 Page - Texas Instruments

Part # CDCM6208
Description  CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCM6208 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCM6208 Datasheet HTML 9Page - Texas Instruments CDCM6208 Datasheet HTML 10Page - Texas Instruments CDCM6208 Datasheet HTML 11Page - Texas Instruments CDCM6208 Datasheet HTML 12Page - Texas Instruments CDCM6208 Datasheet HTML 13Page - Texas Instruments CDCM6208 Datasheet HTML 14Page - Texas Instruments CDCM6208 Datasheet HTML 15Page - Texas Instruments CDCM6208 Datasheet HTML 16Page - Texas Instruments CDCM6208 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
13
CDCM6208
www.ti.com
SCAS931G – MAY 2012 – REVISED JANUARY 2018
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
6.15
LVPECL (High-Swing CML) Output Characteristics
VDD_Yx_Yy = 1.71 V to 3.465 V, VDD_PRI, VDD_SEC, VDD_PLLx, DVDD, VDD_VCO = 1.71 V to 1.89 V, 2.375 V to 2.625
V, 3.135 V to 3.465 V, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT-I
Output frequency
Integer Output Divider
CDCM6208V1
1.55
800
MHz
CDCM6208V2
1.91
800
VCM-DC
Output DC-coupled common-
mode voltage
DC coupled with 50-Ω external termination to
VDD_Yx_Yy
VDD_Yx_Yy – 0.4
V
|VOD|
Differential output voltage
100-Ω diff load AC coupling (see Figure 12),
fOUT ≤ 250 MHz
1.71 V
≤ VDD_Yx_Yy ≤ 1.89 V
0.45
0.75
1.12
V
2.375 V
≤ VDD_Yx_Yy ≤ 3.465 V
0.6
0.8
1.12
V
100-Ω diff load AC coupling (see Figure 12), fOUT ≥
250
1.71 V
≤ VDD_Yx_Yy ≤ 1.89 V
0.73
V
2.375 V
≤ VDD_Yx_Yy ≤ 3.465 V
0.55
0.75
1.12
V
VOUT
Differential output peak-to-
peak voltage
2 ×
|V OD|
V
tR/tF
Output rise/fall time
±200 mV around crossing point
109
217
ps
20% to 80% VOD
211
ps
tslew
Output rise/fall slew rate
3.7
5.1
7.3
V/ns
PN-floor
Phase noise floor
VDD_Yx_Yy = 3.3 V (see Figure 54)
–161.4
–155.8
dBc/Hz
ODC
Output duty cycle
Not in bypass mode
47.5%
52.5%
ROUT
Output impedance
Measured from pin to VDD_Yx_Yy
50
Ω
6.16
CML Output Characteristics
VDD_Yx_Yy, VDD_PRI, VDD_SEC, VDD_PLLx, DVDD, VDD_VCO = 1.71 V to 1.89 V, 2.375V to 2.625 V, 3.135 V to 3.465
V, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT-I
Output frequency
Integer output divider
V1
1.55
800
MHz
V2
1.91
800
VCM-AC
Output AC-coupled common-
mode voltage
AC-coupled with 50-Ω receiver termination
VDD_Yx_Yy –
0.46
V
VCM-DC
Output DC-coupled common-
mode voltage
DC-coupled with 50-Ω on-chip termination to
VDD_Yx_Yy
VDD_Yx_Yy –
0.2
V
|VOD|
Differential output voltage
100-Ω diff load AC coupling (see Figure 12)
0.3
0.45
0.58
V
VOUT
Differential output peak-to-
peak voltage
2 × |V
OD|
V
tR/tF
Output rise/fall time
20% to 80%
VDDYx = 1.8 V
100
151
300
ps
VDDYx = 2.5 V/3.3 V
100
143
200
ps
PN-floor
Phase noise floor at > 5-Hz
offset
fOUT = 122.88 MHz
VDD_Yx_Yy = 1.8 V
–161.2-
–155.8
dBc/Hz
VDD_Yx_Yy = 3.3 V
161.2
–153.8
dBc/Hz
ODC
Output duty cycle
Not in bypass mode
47.5%
52.5%
ROUT
Output impedance
Measured from pin to VDD_Yx_Yy
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com