Electronic Components Datasheet Search
  English  ▼

X  

CDCM6208 Datasheet(PDF) 36 Page - Texas Instruments

Part # CDCM6208
Description  CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCM6208 Datasheet(HTML) 36 Page - Texas Instruments

Back Button CDCM6208 Datasheet HTML 32Page - Texas Instruments CDCM6208 Datasheet HTML 33Page - Texas Instruments CDCM6208 Datasheet HTML 34Page - Texas Instruments CDCM6208 Datasheet HTML 35Page - Texas Instruments CDCM6208 Datasheet HTML 36Page - Texas Instruments CDCM6208 Datasheet HTML 37Page - Texas Instruments CDCM6208 Datasheet HTML 38Page - Texas Instruments CDCM6208 Datasheet HTML 39Page - Texas Instruments CDCM6208 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 94 page
background image
CDCM6208
SCAS931G – MAY 2012 – REVISED JANUARY 2018
www.ti.com
36
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
(1)
The functionality of the status 0 and status 1 pins in SPI and I2C mode is programmable.
(2)
The REF_SEL input pin selects the primary or secondary input in MANUAL mode. That is: If the system only uses a XTAL on the secondary input, REF_SEL should be tied to VDD. The
primary and secondary input stage power supply must be always connected.
For all pin modes, STATUS0 outputs the PLL_LOCK signal and STATUS1 the LOSS OF REFERENCE.
General Note: in all pin mode, all voltage supplies must either be 1.8 V or 2.5/3.3 V and the PWR pin number 44 must be set to 0 or 1 accordingly. In SPI and I2C mode, the supply
voltages can be "mixed and matched" as long as the corresponding register bits reflect the supply voltage setting for each desired 1.8 V or 2.5/3.3 V supply. Exception: inputs configured
for LVDS signaling (Type = LVDS) are supply agnostic, and therefore can be powered from 2.5 V/3.3 V or 1.8 V regardless of the supply select setting of pin number 44.
Table 6. Pre-Configured Settings of CDCM6208V1 Accessible by PlN[4:0](1)(2)
UseCase
Type
Type
f(PFD)
f(VCO)
Type
Type
Type
Type
Type
Type
Type
Type
00
I/O
SPI Default
25
LVDS
25
Crystal
MANU
25
2500
156.25
CML
156.25
CML
125.00
LVDS
125.00
LVDS
66.66
LVDS
66.66
LVDS
100.00
LVDS
100.00
LVDS
01
I/O
I2C Default
25
LVDS
25
Crystal
MANU
25
2500
156.25
CML
156.25
CML
125.00
LVDS
125.00
LVDS
66.66
LVDS
66.66
LVDS
100.00
LVDS
100.00
LVDS
11
RESERVED
10
0x00
PinMode 1-V1
25
LVDS
25
Crystal
MANU
25
2400
100
LVDS
100
LVDS
100
LVDS
100
LVDS
100
LVDS
100
LVDS
100
LVDS
100
LVDS
10
0x01
PinMode 2-V1
25
LVDS
25
Crystal
MANU
25
2400
100
PECL
100
PECL
100
PECL
100
PECL
100
HCSL
100
HCSL
100
HCSL
100
HCSL
10
0x02
PinMode 3-V1
25
LVDS
25
Crystal
MANU
25
2400
100
CML
100
CML
100
CML
100
CML
100
LVDS
100
LVDS
100
LVDS
100
LVDS
10
0x03
PinMode 4-V1
25
LVDS
25
Crystal
MANU
25
2500
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
10
0x04
PinMode 5-V1
25
LVDS
25
Crystal
MANU
25
2500
156.25
PECL
156.25
PECL
156.25
PECL
156.25
PECL
156.25
HCSL
156.25
HCSL
156.25
HCSL
156.25
HCSL
10
0x05
PinMode 6-V1
25
LVDS
25
Crystal
MANU
25
2500
156.25
CML
156.25
CML
156.25
CML
156.25
CML
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
10
0x06
PinMode 7-V1
25
LVDS
25
Crystal
MANU
25
2500
125
LVDS
125
LVDS
125
LVDS
125
LVDS
125
LVDS
125
LVDS
125
LVDS
125
LVDS
10
0x07
PinMode 8-V1
25
LVDS
25
Crystal
MANU
25
2500
125
PECL
125
PECL
125
PECL
125
PECL
125
HCSL
125
HCSL
125
HCSL
125
HCSL
10
0x08
PinMode 9-V1
25
LVDS
25
Crystal
MANU
25
2500
125
CML
125
CML
125
CML
125
CML
125
LVDS
125
LVDS
125
LVDS
125
LVDS
10
0x09
PinMode 10-V1
25
LVDS
25
Crystal
MANU
25
2500
125
LVDS
125
LVDS
156.25
LVDS
156.25
LVDS
100
LVDS
100
LVDS
133.33
LVDS
25
LVDS
10
0x0A
PinMode 11-V1
25
LVDS
25
Crystal
MANU
25
2500
312.5
PECL
312.5
PECL
312.5
PECL
312.5
PECL
312.5
HCSL
312.5
HCSL
312.5
HCSL
312.5
HCSL
10
0x0B
PinMode 12-V1
25
LVDS
25
Crystal
MANU
25
2500
156.25
PECL
156.25
PECL
100
PECL
100
PECL
156.25
HCSL
156.25
HCSL
100
HCSL
100
HCSL
10
0x0C
PinMode 13-V1
25
LVDS
25
Crystal
MANU
25
2500
156.25
PECL
156.25
PECL
156.25
PECL
156.25
PECL
125
HCSL
125
HCSL
125
HCSL
125
HCSL
10
0x0D
PinMode 14-V1
25
LVDS
25
Crystal
MANU
25
2400
200
PECL
200
PECL
100
PECL
100
PECL
100
HCSL
100
HCSL
200
HCSL
200
HCSL
10
0x0E
PinMode 15-V1
25
LVDS
25
Crystal
MANU
25
2500
500
PECL
500
PECL
250
PECL
250
PECL
125
HCSL
125
HCSL
100
HCSL
25
CMOS
10
0x0F
PinMode 16-V1
25
LVDS
25
Crystal
MANU
25
2500
625
PECL
625
PECL
312.5
PECL
312.5
PECL
156.25
HCSL
156.25
HCSL
125
HCSL
25
CMOS
10
0x10
PinMode 17-V1
30.72
LVDS
30.72
Crystal
MANU
30.72
2457.6
122.88
PECL
122.88
PECL
153.6
PECL
153.6
PECL
30.72
CMOS
153.6
HCSL
61.44
HCSL
122.88
CMOS
10
0x11
PinMode 18-V1
24.8832
LVDS
24.8832
Crystal
MANU
24.8832
2488.32
622.08
CML
622.08
CML
622.08
CML
622.08
CML
155.52
LVDS
155.52
LVDS
155.52
LVDS
155.52
LVDS
10
0x12
PinMode 19-V1
25
LVDS
25
Crystal
MANU
25
2500
156.25
LVDS
156.25
LVDS
125
LVDS
125
LVDS
66.67
LVDS
25
CMOS
25
LVDS
100
LVDS
10
0x13
PinMode 20-V1
0.008
CMOS
0.008
CMOS
MANU
0.008
2500
156.25
LVDS
156.25
PECL
125
LVDS
125
LVDS
125
CMOS
25
LVDS
100
HCSL
100
HCSL
10
0x14
PinMode 21-V1
25
LVDS
25
Crystal
MANU
25
2500
100
LVDS
100
LVDS
156.25
LVDS
156.25
LVDS
122.88
LVDS
30.72
LVDS
66.67
LVDS
153.6
LVDS
10
0x15
PinMode 22-V1
25
LVDS
25
Crystal
MANU
25
2500
100
PECL
100
PECL
156.25
PECL
156.25
PECL
100
HCSL
100
HCSL
100
HCSL
100
HCSL
10
0x16
PinMode 23-V1
25
LVDS
25
Crystal
MANU
25
2500
100
PECL
100
PECL
156.25
PECL
156.25
PECL
100
HCSL
100
HCSL
156.25
HCSL
100
HCSL
10
0x17
PinMode 24-V1
25
LVDS
25
Crystal
MANU
25
2500
125
PECL
125
PECL
100
PECL
100
PECL
100
HCSL
100
HCSL
100
HCSL
100
HCSL
10
0x18
PinMode 25-V1
25
LVDS
25
Crystal
MANU
25
2500
100
PECL
100
PECL
156.25
PECL
156.25
PECL
100
HCSL
100
HCSL
155.52
HCSL
155.52
HCSL
10
0x19
PinMode 26-V1
25
LVDS
25
Crystal
MANU
25
2500
156.25
PECL
156.25
PECL
100
PECL
100
PECL
125
HCSL
156.26
HCSL
212.5
HCSL
106.25
HCSL
10
0x1A
PinMode 27-V1
25
LVDS
25
Crystal
MANU
25
2500
100
PECL
100
PECL
250
PECL
250
PECL
100
HCSL
100
HCSL
100
HCSL
125
HCSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com