Electronic Components Datasheet Search
  English  ▼

X  

CDCM6208 Datasheet(PDF) 49 Page - Texas Instruments

Part # CDCM6208
Description  CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCM6208 Datasheet(HTML) 49 Page - Texas Instruments

Back Button CDCM6208 Datasheet HTML 45Page - Texas Instruments CDCM6208 Datasheet HTML 46Page - Texas Instruments CDCM6208 Datasheet HTML 47Page - Texas Instruments CDCM6208 Datasheet HTML 48Page - Texas Instruments CDCM6208 Datasheet HTML 49Page - Texas Instruments CDCM6208 Datasheet HTML 50Page - Texas Instruments CDCM6208 Datasheet HTML 51Page - Texas Instruments CDCM6208 Datasheet HTML 52Page - Texas Instruments CDCM6208 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 94 page
background image
SDA
Data in
Data out
CDCM6208
49
CDCM6208
www.ti.com
SCAS931G – MAY 2012 – REVISED JANUARY 2018
Product Folder Links: CDCM6208
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
8.4.5.2.4
I
2C Serial Interface
With SI_MODE1=0 and SI_MODE0=1 the CDCM6208 enters I 2C mode. The I2C port on the CDCM6208 works
as a slave device and supports both the 100 kHz standard mode and 400 kHz fast mode operations. Fast mode
imposes a glitch tolerance requirement on the control signals. Therefore, the input receivers ignore pulses of less
than 50 ns duration. The inputs of the device also incorporates a Schmitt trigger at the SDA and SCL inputs to
provide receiver input hysteresis for increased noise robustness.
NOTE
Communication through I2C is not possible while RESETN is held low.
In an I2C bus system, the CDCM6208 acts as a slave device and is connected to the serial bus (data bus SDA
and clock bus SCL). The SDA port is bidirectional and uses an open drain driver to permit multiple devices to be
connected to the same serial bus. The CDCM6208 allows up to four unique CDCM6208 slave devices to occupy
the I2C bus in addition to any other I2C slave device with a different I2C address. These slave devices are
accessed via a 7-bit slave address transmitted as part of an I2C packet. Only the device with a matching slave
address responds to subsequent I2C commands. The device slave address is 10101xx (the two LSBs are
determined by the AD1 and AD0 pins). The five MSBs are hard-wired, while the two LSBs are set through pins
on device power up.
Figure 44. I2C Serial Interface
During the data transfer through the I2C port interface, one clock pulse is generated for each data bit transferred.
The data on the SDA line must be stable during the high period of the clock. The high or low state of the data
line can change only when the clock signal on the SCL line is low. The start data transfer condition is
characterized by a high-to-low transition on the SDA line while SCL is high. The stop data transfer condition is
characterized by a low-to-high transition on the SDA line while SCL is high. The start and stop conditions are
always initiated by the master. Every byte on the SDA line must be eight bits long. Each byte must be followed
by an acknowledge bit and bytes are sent MSB first.
The acknowledge bit (A) or non-acknowledge bit (A) is the 9thbit attached to any 8-bit data byte and is always
generated by the receiver to inform the transmitter that the byte has been received (when A = 0) or not (when A
= 1). A = 0 is done by pulling the SDA line low during the 9thclock pulse and A = 1 is done by leaving the SDA
line high during the 9thclock pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com