Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # DRV10975ZPWPR
Description  DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 18Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 19Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 20Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 21Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 22Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 23Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 24Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 25Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
Power on
ISDen
ISD
N
Y
Y
Forward
ClosedLoop
N
Y
N
BrkEn
RvsDrEn
Y
N
N
RvsDr
Align
IPD
Accelerate
IPDEn
N
Y
N
Y
N
Y
Y
N
Brake
Y
DIR pin
change
Speed >
RvsDrThr
Speed >
Op2CIsThr
Time >
BrkDoneThr
Speed <
ISDThr
22
DRV10975, DRV10975Z
SLVSCP2F – JANUARY 2015 – REVISED JUNE 2020
www.ti.com
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
8.4.3 Motor Start Sequence
Figure 11 shows the motor start sequence implemented in the DRV10975.
Figure 11. Motor Starting-Up Flow
Power-On State This is the initial power-on state of the motor start sequencer (MSS). The MSS starts in this
state on initial power-up or whenever the DRV10975 comes out of either standby or sleep modes.
ISDen Judgment After power on, the DRV10975 MSS enters the ISDen Judgment where it checks to see if the
Initial Speed Detect (ISD) function is enabled (ISDen = 1). If ISD is disabled, the MSS proceeds
directly to the BrkEn Judgment. If ISD is enabled, the motor start sequence advances to the ISD
state.
ISD State
The MSS determines the initial condition of the motor (see ISD).
Speed<ISDThr Judgment If the motor speed is lower than the threshold defined by ISDThr[1:0], then the motor
is considered to be stationary and the MSS proceeds to the BrkEn judgment. If the speed is greater
than the threshold defined by ISDThr[1:0], the start sequence proceeds to the Forward judgment.
Forward Judgment The MSS determines whether the motor is spinning in the forward or the reverse direction.
If the motor is spinning in the forward direction, the DRV10975 executes the resynchronization (see
Motor Resynchronization) process by transitioning directly into the ClosedLoop state. If the motor is
spinning in the reverse direction, the MSS proceeds to the Speed>RvsDrThr.
Speed>RvsDrThr Judgment The motor start sequencer checks to see if the reverse speed is greater than the
threshold defined by RvsDrThr[2:0]. If it is, then the MSS returns to the ISD state to allow the motor
to decelerate. This prevents the DRV10975 from attempting to reverse drive or brake a motor that
is spinning too quickly. If the reverse speed of the motor is less than the threshold defined by
RvsDrThr[2:0], then the MSS advances to the RvsDrEn judgment.
RvsDrEn Judgment The MSS checks to see if the reverse drive function is enabled (RvsDrEn = 1). If it is, the
MSS transitions into the RvsDr state. If the reverse drive function is not enabled, the MSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com