Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 30 Page - Texas Instruments

Part # DRV10975ZPWPR
Description  DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 26Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 27Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 28Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 29Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 30Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 31Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 32Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 33Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
Buffer of
SpdCtrl[8]
SpdCtrl[8]
SpdCtrl [7:0]
Write to
SpeedCtrl2
Write to
SpeedCtrl1
Speed Command
Speed
Command
PWM duty
Maximum
Speed
Command
100%
0
30
DRV10975, DRV10975Z
SLVSCP2F – JANUARY 2015 – REVISED JUNE 2020
www.ti.com
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
Figure 23. PWM Mode Speed Command
8.4.5.4 I2C Mode Speed Control
The DRV10975 can also command the speed through the I2C serial interface. To enable this feature, the
OverRide bit is set to 1. When the DRV10975 is configured to operate in I2C mode, it ignores the signal applied
to the SPEED pin.
The speed command can be set by writing the SpdCtrl[8] and SpdCtrl[7:0] bits. The 9-bit SpdCtrl [8:0] located in
the SpeedCtrl1 and SpeedCntrl2 registers are used to set the peak amplitude voltage applied to the motor. The
maximum speed command is set when SpdCtrl [8:0] is set to 0x1FF (511).
When SpdCtrl [8] is written to the SpeedCtrl2 register, the data is stored, but the output is not changed. When
SpdCtrl [7:0] is written to the SpeedCtrl1 register, the speed command is updated (see Figure 24).
Figure 24. I2C Mode Speed Control
8.4.5.5 Closed Loop Accelerate
To prevent sudden changes in the torque applied to the motor which could result in acoustic noise, the
DRV10975 provides the option of limiting the maximum rate at which the speed command changes.
ClsLpAccel[2:0] can be programmed to set the maximum rate at which the speed command changes (shown in
Figure 25).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com