Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 33 Page - Texas Instruments

Part # DRV10975ZPWPR
Description  DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 29Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 30Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 31Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 32Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 33Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 34Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 35Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 36Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
ILIMIT
V
U_LIMIT
Rm
M
BEMF = Kt
Speed
´
Copyright © 2017, Texas Instruments Incorporated
33
DRV10975, DRV10975Z
www.ti.com
SLVSCP2F – JANUARY 2015 – REVISED JUNE 2020
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
8.4.6.1 Acceleration Current Limit
The acceleration current limit limits the voltage applied to the motor to prevent the current from exceeding the
programmed threshold. The acceleration current limit threshold is configured by writing the SWiLimitThr[3:0] bits
to select ILIMIT. The acceleration current limit does not use a direct measurement of current. It uses the
programmed motor phase resistance, RPH_CT, and programmed BEMF constant, Kt, to limit the voltage applied to
the motor, U, as shown in Figure 27 and Equation 7.
When the acceleration current limit is active, it does not stop the motor from spinning nor does it trigger a fault.
The acceleration current limit function is only available in closed loop control.
Figure 27. Acceleration Current Limit
ULIMIT = ILIMIT × RPH_CT + Speed × Kt
(7)
8.4.7 Lock Detect and Fault Handling
The DRV10975 provides several options for determining if the motor becomes locked as a result of some
external torque. Five lock detect schemes work together to ensure the lock condition is detected quickly and
reliably. Figure 28 shows the logic which integrates the various lock detect schemes. When a lock condition is
detected, the DRV10975 device takes action to prevent continuously driving the motor in order to prevent
damage to the system or the motor.
In addition to detecting if there is a locked motor condition, the DRV10975 also identifies and takes action if there
is no motor connected to the system.
Each of the five lock-detect schemes and the no motor detection can be disabled by respective register bits
LockEn[5:0].
When a lock condition is detected, the MtrLck in the Status register is set. The FaultCode register provides an
indication of which of the six different conditions was detected on Lock5 to Lock0. These bits are reset when the
motor restarts. The bits in the FaultCode register are set even if the lock detect scheme is disabled.
The DRV10975 reacts to either locked rotor or no motor connected conditions by putting the output drivers into a
high-impedance state. To prevent the energy in the motor from pumping the supply voltage, the DRV10975
incorporates an anti-voltage-surge (AVS) process whenever the output stages transition into the high-impedance
state. The AVS function is described in AVS Function. After entering the high-impedance state as a result of a
fault condition, the system tries to restart after tLOCK_OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com