Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV10975ZPWPR
Description  DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 4 Page - Texas Instruments

  DRV10975ZPWPR Datasheet HTML 1Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 2Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 3Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 4Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 5Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 6Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 7Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 8Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
1
VCP
24
VCC
2
CPP
23
VCC
3
CPN
22
W
4
SW
21
W
5
SWGND
20
V
6
VREG
19
V
7
V1P8
18
U
8
GND
17
U
9
V3P3
16
PGND
10
SCL
15
PGND
11
SDA
14
DIR
12
FG
13
SPEED
Not to scale
Thermal pad (GND)
4
DRV10975, DRV10975Z
SLVSCP2F – JANUARY 2015 – REVISED JUNE 2020
www.ti.com
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
5 Description (continued)
An I2C interface allows the user to reprogram specific motor parameters in registers and program the EEPROM
to help optimize the performance for a given application. The DRV10975 device is available in a thermally
efficient HTSSOP, 24-pin package with an exposed thermal pad. The operating temperature is specified from
–40°C to 125°C.
6 Pin Configuration and Functions
PWP PowerPAD™ Package
24-Pin HTSSOP With Exposed Thermal Pad
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com