Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 29 Page - Texas Instruments

Part # DRV10975ZPWPR
Description  DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 25Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 26Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 27Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 28Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 29Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 30Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 31Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 32Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
Speed
Command
Analog Input
Maximum
Speed
Command
V
ANA-ZS
V
ANA-FS
Adjustment (half cycle)
Zero cross signal
Adjustment (full cycle)
Zero cross signal
Estimated Position
Real Driving Voltage
Real Position
Ideal Driving Voltage
Estimated Position
Real Driving Voltage
Real Position
Ideal Driving Voltage
29
DRV10975, DRV10975Z
www.ti.com
SLVSCP2F – JANUARY 2015 – REVISED JUNE 2020
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
8.4.5.1 Half Cycle Control and Full Cycle Control
The estimated BEMF used to control the drive state of the motor has two zero-crosses every electrical cycle. The
DRV10975 can be configured to update the drive state either once every electrical cycle or twice for every
electrical cycle. When AdjMode is programmed to 1, half cycle adjustment is applied. The control logic is
triggered at both rising edge and falling edge. When AdjMode is programmed to 0, full cycle adjustment is
applied. The control logic is triggered only at the rising edge (see Figure 21).
Half cycle adjustment provides a faster response when compared with full cycle adjustment. Use half cycle
adjustment whenever the application requires operation over large dynamic loading conditions. Use the full cycle
adjustment for low current (<1 A) applications because it offers more tolerance for current measurement offset
errors.
Figure 21. Closed Loop Control Commutation Adjustment Mode
8.4.5.2 Analog Mode Speed Control
The SPEED input pin can be configured to operate as an analog input (SpdCtrlMd = 0).
When configured for analog mode, the voltage range on the SPEED pin can be varied from 0 to V3P3. If
SPEED > VANA_FS, the speed command is maximum. If VANA_ZS ≤ SPEED < VANA_FS the speed command
changes linearly according to the magnitude of the voltage applied at the SPEED pin. If SPEED < VANA_ZS the
speed command is to stop the motor. Figure 22 shows the speed command when operating in analog mode.
Figure 22. Analog Mode Speed Command
8.4.5.3 Digital PWM Input Mode Speed Control
If SpdCtrlMd = 1, the SPEED input pin is configured to operate as a PWM-encoded digital input. The PWM duty
cycle applied to the SPEED pin can be varied from 0 to 100%. The speed command is proportional to the PWM
input duty cycle. The speed command stops the motor when the PWM input keeps at 0 for tEN_SL_PWM (see
Figure 23).
The frequency of the PWM input signal applied to the SPEED pin is defined as ƒPWM. This is the frequency the
device can accept to control motor speed. It does not correspond to the PWM output frequency that is applied to
the motor phase. The PWM output frequency can be configured to be either 25 kHz when the DoubleFreq bit is
set to 0 or to 50 kHz when DoubleFreq bit is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com