Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 63 Page - Texas Instruments

Part # DRV10975ZPWPR
Description  DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 63 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 58Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 59Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 60Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 61Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 62Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 63Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 64Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 65Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 66Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
www.ti.com
PACKAGE OUTLINE
C
SEE TERMINAL
DETAIL
24X
0.30
0.18
2.65 0.1
24X
0.5
0.3
1 MAX
(0.1) TYP
0.05
0.00
20X 0.5
2X
3
2X 2
3.65 0.1
B
4.1
3.9
A
5.1
4.9
0.30
0.18
0.5
0.3
VQFN - 1 mm max height
RHF0024A
PLASTIC QUAD FLATPACK - NO LEAD
4219064 /A 04/2017
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
7
13
19
8
12
24
20
(OPTIONAL)
PIN 1 ID
0.1
C B A
0.05
EXPOSED
THERMAL PAD
25
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.000
DETAIL
OPTIONAL TERMINAL
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com