| Electronic Components Datasheet Search |
|
DRV10975ZPWPR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRV10975ZPWPR Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 66 page ![]() 6 DRV10975, DRV10975Z SLVSCP2F – JANUARY 2015 – REVISED JUNE 2020 www.ti.com Product Folder Links: DRV10975 Submit Documentation Feedback Copyright © 2015–2020, Texas Instruments Incorporated Pin Functions (continued) PIN TYPE(1) DESCRIPTION NAME NO. HTSSOP VQFN Thermal pad (GND) — — — The exposed thermal pad must be electrically connected to ground plane through soldering to PCB for proper operation and connected to bottom side of PCB through vias for better thermal spreading. (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to the network ground terminal (GND) unless otherwise noted. 7 Specifications 7.1 Absolute Maximum Ratings over operating ambient temperature (unless otherwise noted) (1) MIN MAX UNIT Input voltage(2) VCC –0.3 23 V SPEED –0.3 4 PGND –0.3 0.3 SCL, SDA –0.3 4 DIR –0.3 4 Output voltage(2) U, V, W –1 23 V SW –1 23 VREG –0.3 7 FG –0.3 4 VCP –0.3 V(VCC) + 6 CPN –0.3 23 CPP –0.3 V(VCC) + 6 V3P3 –0.3 4 V1P8 –0.3 2.5 Maximum junction temperature, TJ_MAX –40 150 °C Storage temperature, Tstg –55 150 °C (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1) ±2500 V Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2) ±1500 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |